công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1210U1KG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADS1210U1KG4
Giải thích chi tiết về linh kiện  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210U1KG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS1210U1KG4 Datasheet HTML 1Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 2Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 3Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 4Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 5Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 6Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 7Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 8Page - Texas Instruments ADS1210U1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
ADS1210, ADS1211
5
SBAS034B
www.ti.com
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆∑
Modulator
Third-Order
Digital Filter
Modulator Control
14
12
13
15
16
AGND
AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
6
19
20
21
7
10
11
98
17
18
DSYNC
CS
DRDY
MODE
SCLK
DGND
DV
DD
SDIO
SDOUT
4
5
2
3
24
1
22
23
MUX
A
IN1P
A
IN1N
A
IN2P
A
IN2N
A
IN3P
A
IN3N
A
IN4P
A
IN4N
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Micro Controller
ADS1211 SIMPLIFIED BLOCK DIAGRAM
ADS1211P AND ADS1211U PIN DEFINITIONS
TOP VIEW
DIP/SOIC
ADS1211P AND ADS1211U PIN CONFIGURATION
PIN NO
NAME
DESCRIPTION
1AIN3N
Inverting Input Channel 3.
2AIN2P
Noninverting Input Channel 2.
3AIN2N
Inverting Input Channel 2.
4AIN1P
Noninverting Input Channel 1.
5AIN1N
Inverting Input Channel 1.
6
AGND
Analog Ground.
7VBIAS
Bias Voltage Output, +3.3V nominal.
8
CS
Chip Select Input.
9
DSYNC
Control Input to Synchronize Serial Output Data.
10
XIN
System Clock Input.
11
XOUT
System Clock Output (for Crystal or Resonator).
12
DGND
Digital Ground.
13
DVDD
Digital Supply, +5V nominal.
14
SCLK
Clock Input/Output for serial data transfer.
15
SDIO
Serial Data Input (can also function as Serial Data
Output).
16
SDOUT
Serial Data Output.
17
DRDY
Data Ready.
18
MODE
SCLK Control Input (Master = 1, Slave = 0).
19
AVDD
Analog Supply, +5V nominal.
20
REFOUT
Reference Output: +2.5V nominal.
21
REFIN
Reference Input.
22
AIN4P
Noninverting Input Channel 4.
23
AIN4N
Inverting Input Channel 4.
24
AIN3P
Noninverting Input Channel 3.
ADS1211P
ADS1211U
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A
IN3N
A
IN2P
A
IN2N
A
IN1P
A
IN1N
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
A
IN3P
A
IN4N
A
IN4P
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD


Số phần tương tự - ADS1210U1KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1210U BURR-BROWN-ADS1210U Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210U TI1-ADS1210U Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U/1K TI1-ADS1210U/1K Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210U/1KG4 TI1-ADS1210U/1KG4 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210UG4 TI1-ADS1210UG4 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1210U1KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com