công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7812UG4 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS7812UG4
Giải thích chi tiết về linh kiện  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7812UG4 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS7812UG4 Datasheet HTML 7Page - Texas Instruments ADS7812UG4 Datasheet HTML 8Page - Texas Instruments ADS7812UG4 Datasheet HTML 9Page - Texas Instruments ADS7812UG4 Datasheet HTML 10Page - Texas Instruments ADS7812UG4 Datasheet HTML 11Page - Texas Instruments ADS7812UG4 Datasheet HTML 12Page - Texas Instruments ADS7812UG4 Datasheet HTML 13Page - Texas Instruments ADS7812UG4 Datasheet HTML 14Page - Texas Instruments ADS7812UG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADS7812
11
SBAS042A
www.ti.com
might be possible to use the rising edge of the DATACLK
signal. However, one extra clock period (not shown in
Figures 6, 7, and 8) is needed for the final bit.
The external DATACLK signal must be LOW or CS must
be HIGH prior to BUSY rising (see time t25 in Figures 7 and
8). If this is not observed, the output shift register of the
ADS7812 will not be updated with the conversion result.
Instead, the previous contents of the shift register will
remain and the new result will be lost.
If more than 12 clock cycles are provided to the DATACLK
input, the DATA output will go LOW after the rising edge
of the 13th clock period. The operation of the ADS7812 will
not be affected as long as the timing specifications are met.
Before reading the next three paragraphs, consult the Sensi-
tivity to External Digital Signals section of this data sheet.
This will explain many of the concerns regarding how and
when to apply the external DATACLK signal.
External DATACLK Active After the Conversion
The preferred method of obtaining the conversion result is to
provide the DATACLK signal after the conversion has been
completed and before the next conversion starts—as shown
in Figure 6. Note that the DATACLK signal should be static
before the start of the next conversion. If this is not ob-
served, the DATACLK signal could affect the voltage that
is acquired.
External DATACLK Active During the Next Conversion
Another method of obtaining the conversion result is shown
in Figure 7. Since the output shift register is not updated until
the end of the conversion, the previous result remains valid
during the next conversion. If a fast clock (
≥ 2MHz) can be
provided to the ADS7812, the result can be read during time
t2. During this time, the noise from the DATACLK signal is
less likely to affect the conversion result.
FIGURE 7. Serial Data Timing, External Clock, Clocking During the Next Conversion (EXT/INT HIGH,
CS LOW).
FIGURE 8. Serial Data Timing, External Clock, Clocking After the Conversion Completes and During the Next Conversion
(EXT/INT HIGH, CS LOW).
BUSY
CONV
t
24
t
4
t
5
DATACLK
t
25
1
2
n
n+1
11
12
DATA
MSB
Bit 10
Bit n
Bit n-1
Bit 1
LSB
34
BUSY
CONV
t
2
t
1
DATACLK
t
24
t
25
t
23
t
22
t
21
t
20
t
19
1
1
211
12
DATA
MSB
Bit 10
Bit 9
Bit 1
LSB
MSB


Số phần tương tự - ADS7812UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7812U BURR-BROWN-ADS7812U Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812U TI1-ADS7812U Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812UB BURR-BROWN-ADS7812UB Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812UB TI1-ADS7812UB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812UB/1K TI1-ADS7812UB/1K Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7812UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com