công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1212 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1212
Giải thích chi tiết về linh kiện  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1212 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1212 Datasheet HTML 1Page - Texas Instruments ADS1212 Datasheet HTML 2Page - Texas Instruments ADS1212 Datasheet HTML 3Page - Texas Instruments ADS1212 Datasheet HTML 4Page - Texas Instruments ADS1212 Datasheet HTML 5Page - Texas Instruments ADS1212 Datasheet HTML 6Page - Texas Instruments ADS1212 Datasheet HTML 7Page - Texas Instruments ADS1212 Datasheet HTML 8Page - Texas Instruments ADS1212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
ADS1212, 1213
3
SBAS064A
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
4.75
5.25
V
Power Supply Current:
Analog Current
95
µA
Digital Current
185
µA
Additional Analog Current with
REFOUT Enabled
1.8
mA
VBIAS Enabled
No Load
1
mA
Power Dissipation
At +25
°C
1.4
mW
TMIN to TMAX
1.8
mW
TMR of 16
6
8.5
mW
fXIN = 2.5MHz
2.2
mW
fXIN = 2.5MHz, TMR of 16
7.5
mW
Sleep Mode
0.45
mW
TEMPERATURE RANGE
Specified
–40
+85
°C
Storage
–60
+125
°C
NOTES: (1) In order to achieve the converter’s full-scale range, the input must be fully differential (AINN = 2 • REFIN – AINP). If the input is single-ended (AINN or
AINP is fixed), then the full-scale range is one-half that of the differential range. (2) This range is set with external resistors and VBIAS (as described in the text).
Other ranges are possible. (3) Input impedance is higher with lower fXIN. (4) Applies after calibration. (5) After system calibration, these errors will be of the order
of the effective resolution of the converter. Refer to the Typical Performance Curves which apply to the desired mode of operation. (6) Recalibration can remove
these errors. (7) The specification also applies at fDATA /i, where i is 2, 3, 4, etc. (8) Voltages at the analog inputs must remain within AGND to AVDD. (9) The common-
mode rejection test is performed with 100mV differential input.
SPECIFICATIONS (Cont.)
ADS1212U, P/ADS1213U, P, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 1MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled, VBIAS disabled,
and external 2.5V reference, unless otherwise specified.
Analog Input: Current ................................................
±100mA, Momentary
±10mA, Continuous
Voltage ................................... AGND –0.3V to AVDD +0.3V
AVDD to DVDD ........................................................................... –0.3V to 6V
AVDD to AGND ......................................................................... –0.3V to 6V
DVDD to DGND ......................................................................... –0.3V to 6V
AGND to DGND ................................................................................
±0.3V
REFIN Voltage to AGND ............................................ –0.3V to AVDD +0.3V
Digital Input Voltage to DGND .................................. –0.3V to DVDD +0.3V
Digital Output Voltage to DGND ............................... –0.3V to DVDD +0.3V
Lead Temperature (soldering, 10s) .............................................. +300
°C
Power Dissipation (Any package) .................................................. 500mW
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDERING INFORMATION
For the latest package and ordering information, see the
Package Option Addendum located at the end of this data
sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Số phần tương tự - ADS1212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1212 BURR-BROWN-ADS1212 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1212P BURR-BROWN-ADS1212P Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1212PG4 BURR-BROWN-ADS1212PG4 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1212U BURR-BROWN-ADS1212U Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1212U/1K BURR-BROWN-ADS1212U/1K Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1212 BURR-BROWN-ADS1212 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com