công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7812PB bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7812PB
Giải thích chi tiết về linh kiện  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7812PB bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS7812PB Datasheet HTML 5Page - Texas Instruments ADS7812PB Datasheet HTML 6Page - Texas Instruments ADS7812PB Datasheet HTML 7Page - Texas Instruments ADS7812PB Datasheet HTML 8Page - Texas Instruments ADS7812PB Datasheet HTML 9Page - Texas Instruments ADS7812PB Datasheet HTML 10Page - Texas Instruments ADS7812PB Datasheet HTML 11Page - Texas Instruments ADS7812PB Datasheet HTML 12Page - Texas Instruments ADS7812PB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADS7812
9
SBAS042A
www.ti.com
BINARY TWO’S COMPLEMENT
DIGITAL OUTPUT
TABLE III. Ideal Input Voltage and Corresponding Digital Output for Two Common Input Ranges.
DESCRIPTION
ANALOG INPUT
Full-Scale Range
±10V
0.5V to 4.5V
Least Significant Bit (LSB)
4.88mV
0.98mV
BINARY CODE
HEX CODE
+Full Scale –1LSB
9.99512V
4.49902V
0111 1111 1111
7FF
Midscale
0V
2.5V
0000 0000 0000
000
Midscale –1LSB
–4.88mV
2.49902 V
1111 1111 1111
FFF
–Full Scale
–10V
0.5V
1000 0000 0000
800
FIGURE 3. Block Diagram of the ADS7812’s Digital Inputs and Outputs.
READING DATA
The ADS7812’s digital output is in Binary Two’s Comple-
ment (BTC) format. Table III shows the relationship be-
tween the digital output word and the analog input voltage
under ideal conditions.
Figure 3 shows the relationship between the various digital
inputs, digital outputs, and internal logic of the ADS7812.
Figure 4 shows when the internal shift register of the
ADS7812 is updated and how this relates to a single conver-
sion cycle. Together, these two figures point out a very
important aspect of the ADS7812: the conversion result is
not available until after the conversion is complete. The
implications of this are discussed in the following sections.
FIGURE 4. Timing of the Shift Register Update.
Q
D
S0
Q
Update of the shift
register occurs just prior
to BUSY Rising(1)
D
S1
Q
D
S2
Q
D
S10
Q
D
S11
Q
Shift Register
Working Register
Converter Core
D
SOUT
Q
D
W0
Q
Each flip-flop in the
working register is
latched as the
conversion proceeds
D
W1
Q
D
W2
Q
D
W10
Q
D
W11
•••
Delay
DATA
BUSY
DATACLK
CDAC
Control Logic
Clock
REF
EXT/INT
CONV
CS
NOTE: (1) If EXT/INT is HIGH (external clock), DATACLK is HIGH, and CS is LOW
during this time, the shift register will not be updated and the conversion result will be lost.
CONV
t
6 – t25
t
25
BUSY
NOTE: Update of the internal shift register occurs in the
shaded region. If EXT/INT is HIGH, then DATACLK
must be LOW or CS must be HIGH during this time.


Số phần tương tự - ADS7812PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7812PB BURR-BROWN-ADS7812PB Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812PB TI1-ADS7812PB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7812PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com