công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7825PB bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS7825PB
Giải thích chi tiết về linh kiện  4 Channel, 16-Bit Sampling CMOS A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7825PB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS7825PB Datasheet HTML 1Page - Texas Instruments ADS7825PB Datasheet HTML 2Page - Texas Instruments ADS7825PB Datasheet HTML 3Page - Texas Instruments ADS7825PB Datasheet HTML 4Page - Texas Instruments ADS7825PB Datasheet HTML 5Page - Texas Instruments ADS7825PB Datasheet HTML 6Page - Texas Instruments ADS7825PB Datasheet HTML 7Page - Texas Instruments ADS7825PB Datasheet HTML 8Page - Texas Instruments ADS7825PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
ADS7825
CDAC
6k
Internal
+2.5V Ref
Clock
BUSY
DATACLK
SDATA
D7-D0
BYTE
R/C
CS
PWRD
Successive Approximation Register
and Control Logic
Serial
Data
Out
or
Parallel
Data
Out
Comparator
Buffer
Continuous Conversion
Channel
REF
CAP
A0
CONTC
A1
40k
AIN
2
40k
AIN
1
40k
AIN
0
40k
AIN
3
20k
8k
20k
8k
20k
8k
20k
8k
8
®
4 Channel, 16-Bit Sampling CMOS A/D Converter
FEATURES
q 25
µs max SAMPLING AND CONVERSION
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 12-BIT ADS7824
q PARALLEL AND SERIAL DATA OUTPUT
q 28-PIN 0.3" PLASTIC DIP AND SOIC
q
±2.0 LSB max INL
q 50mW max POWER DISSIPATION
q 50
µW POWER DOWN MODE
q
±10V INPUT RANGE, FOUR CHANNEL
MULTIPLEXER
q CONTINUOUS CONVERSION MODE
ADS7825
DESCRIPTION
The ADS7825 can acquire and convert 16 bits to
within
±2.0 LSB in 25µs max while consuming only
50mW max. Laser-trimmed scaling resistors provide
the standard industrial
±10V input range and channel-
to-channel matching of
±0.1%. The ADS7825 is a
low-power 16-bit sampling A/D with a four channel
input multiplexer, S/H, clock, reference, and a
parallel/serial microprocessor interface. It can be con-
figured in a continuous conversion mode to sequen-
tially digitize all four channels. The 28-pin ADS7825
is available in a plastic 0.3" DIP and in a SOIC, both
fully specified for operation over the industrial –40
°C
to +85
°C range.
ADS7825
ADS7825
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
www.burr-brown.com/databook/ADS7825.html
©1996 Burr-Brown Corporation
PDS-1304B
Printed in U.S.A. October, 1997
SBAS045


Số phần tương tự - ADS7825PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7825PB BURR-BROWN-ADS7825PB Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
More results

Mô tả tương tự - ADS7825PB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Burr-Brown (TI)
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
   16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com