công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34164-3 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện MC34164-3
Giải thích chi tiết về linh kiện  3V UNDERVOLTAGE SENSING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MC34164-3 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  MC34164-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC34164-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3V U NDER V O L T AGE S ENSING C IRCUIT
MC33164-3/MC34164-3
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2a 11/04
2
P RODUCTION
D AT A
S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Supply Voltage (V
IN) ............................................................................... -1V to 12V
RESET Output Voltage (V
OUT) ..................................................................................... 12V
Output Sink Current (I
OL) ............................................................ Internally Limited (mA)
Clamp Diode Forward Current (I
F), Pin 1 to pin 2 ............................................... 100mA
Operating Junction Temperature
Plastic (DM, LP - Packages) .................................................................................. 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
RESET
V
IN
N.C.
GROUND
N.C.
N.C.
N.C.
N.C.
DM PACKAGE
(Top View)
Note 1. Values beyond which damage may occur. All voltages are specified with respect to
ground, and all currents are positive into the specified terminal.
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
156°C/W
Junction Temperature Calculation:
T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow
THERMAL DATA
BLOCK DIAGRAM
LP PACKAGE
(Top View)
3. GROUND
2. V
IN
1. RESET
1.2 V
REF
V
IN
RESET
GROUND
1
8
2
7
3
6
4
5
Peak Package Solder Reflow Temp. (40 second max. exposure).......................................... 260°C (+0, -5)
RoHS / Pb-free 100% Matte Tin Lead Finish


Số phần tương tự - MC34164-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MC34164-3 MICROSEMI-MC34164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3 MICROSEMI-MC34164-3 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
Freescale Semiconductor...
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
logo
Microsemi Corporation
MC34164-3DM MICROSEMI-MC34164-3DM Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC34164-3LP MICROSEMI-MC34164-3LP Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results

Mô tả tương tự - MC34164-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com