công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8318IDGSTG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS8318IDGSTG4
Giải thích chi tiết về linh kiện  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318IDGSTG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS8318IDGSTG4 Datasheet HTML 3Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 4Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 5Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 6Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 7Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 8Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 9Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 10Page - Texas Instruments ADS8318IDGSTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
1
2
3
4
5
10
9
8
7
6
REFIN
+VA
IN+
IN-
GND
+VBD
SDI
SCLK
SDO
CONVST
MSOP PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
(TOP VIEW)
SONPACKAGE
REFIN
+VA
IN+
IN-
GND
+VBD
SDI
SCLK
SDO
CONVST
-0.01
-0.009
-0.008
-0.007
-0.006
-0.005
-0.004
-0.003
-0.002
-0.001
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30°C
ref
s
A
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30°C
ref
s
A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
2
2.5
3
3.5
4
4.5
5
V
-ReferenceVoltage-V
ref
+VA =5V
+VBD=2.7V,
f =500KSPS,
T =30°C
s
A
ADS8318
www.ti.com
SLAS568A
– MAY 2008 – REVISED MARCH 2011
PIN ASSIGNMENTS
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NAME
ANALOG PINS
1
REFIN
I
Reference (positive) input. Decouple with GND pin using 0.1-
μF bypass capacitor and 10-μF storage
capacitor.
3
+IN
I
Noninverting analog signal input
4
–IN
I
Inverting analog signal input
I/O PINS
Convert input. It also functions as the CS input in 3-wire interface mode. Refer to Description and Timing
6
CONVST
I
Diagrams sections for more details.
7
SDO
O
Serial data output.
8
SCLK
I
Serial I/O clock input. Data (on SDO o/p) is synchronized with this clock.
9
SDI
I
Serial data input. The SDI level at the start of a conversion selects the mode of operation such as CS or daisy
chain mode. It also serves as the CS input in 4-wire interface mode. Refer to Description and Timing
Diagrmas sections for more details.
POWER SUPPLY PINS
2
+VA
Analog power supply. Decoupled with GND pin.
5
GND
Device ground. Note this is a common ground pin for both analog power supply (+VA) and digital I/O supply
(+VBD).
10
+VBD
Digital I/O power supply. Decouple with GND pin.
TYPICAL CHARACTERISTICS
OFFSET ERROR
GAIN ERROR
OFFSET ERROR
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
REFERENCE VOLTAGE
Figure 3.
Figure 4.
Figure 5.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8318


Số phần tương tự - ADS8318IDGSTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318IDGST TI-ADS8318IDGST Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8318IDGSTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com