công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8318IDGSR bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8318IDGSR
Giải thích chi tiết về linh kiện  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318IDGSR bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS8318IDGSR Datasheet HTML 5Page - Texas Instruments ADS8318IDGSR Datasheet HTML 6Page - Texas Instruments ADS8318IDGSR Datasheet HTML 7Page - Texas Instruments ADS8318IDGSR Datasheet HTML 8Page - Texas Instruments ADS8318IDGSR Datasheet HTML 9Page - Texas Instruments ADS8318IDGSR Datasheet HTML 10Page - Texas Instruments ADS8318IDGSR Datasheet HTML 11Page - Texas Instruments ADS8318IDGSR Datasheet HTML 12Page - Texas Instruments ADS8318IDGSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
15
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
15.9
16
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
f =1.9kHz
T =30°C
ref
s
i
A
DNLMIN
DNLMAX
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40 -25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS
ref
s
INLMIN
INLMAX
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS
ref
s
4.5
4.75
5
5.25
5.5
114
115
116
117
118
119
120
121
122
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
f =1.9kHz
T =30°C
ref
s
i
A
+VA -SupplyVoltage-V
15
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
15.9
16
2
2.5
3
3.5
4
4.5
5
V
-ReferenceVoltage-V
ref
+VA =5V
+VBD=2.7V,
f =500KSPS,
f =1.9kHz,
T =30°C
s
i
A
15
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
15.9
16
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=2.7V,
V
=5V,
f =500KSPS,
f =1.9kHz
ref
s
i
95
95.2
95.4
95.6
95.8
96
96.2
96.4
4.5
4.75
5
5.25
5.5
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
f =1.9kHz
T =30°C
ref
s
i
A
+VA -SupplyVoltage-V
95
95.2
95.4
95.6
95.8
96
96.2
96.4
4.5
4.75
5
5.25
5.5
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
f =1.9kHz
T =30°C
ref
s
i
A
+VA -SupplyVoltage-V
4.5
4.75
5
5.25
5.5
114
115
116
117
118
119
120
121
122
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
f =1.9kHz
T =30°C
ref
s
i
A
+VA -SupplyVoltage-V
ADS8318
www.ti.com
SLAS568A
– MAY 2008 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS (continued)
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
EFFECTIVE NUMBER OF BITS
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
Figure 17.
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
SPURIOUS FREE DYNAMIC RANGE
vs
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 18.
Figure 19.
Figure 20.
SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE RATIO
TOTAL HARMONIC DISTORTION
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 21.
Figure 22.
Figure 23.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS8318


Số phần tương tự - ADS8318IDGSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318IDGSR TI-ADS8318IDGSR Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8318IDGSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com