công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8318IBDGSTG4 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ADS8318IBDGSTG4
Giải thích chi tiết về linh kiện  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318IBDGSTG4 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS8318IBDGSTG4 Datasheet HTML 4Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 5Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 6Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 7Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 8Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 9Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 10Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 11Page - Texas Instruments ADS8318IBDGSTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
-0.01
-0.008
-0.006
-0.004
-0.002
0
0.002
-40 -25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
°
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS
ref
s
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
°
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS
ref
s
-0.01
-0.009
-0.008
-0.007
-0.006
-0.005
-0.004
-0.003
-0.002
-0.001
2
2.5
3
3.5
4
4.5
5
V
-ReferenceVoltage-V
ref
+VA =5V
+VBD=2.7V,
f =500KSPS,
T =30°C
s
A
0
0
0
0
0
0
0
1
8
9
15
8
0
2
4
6
8
10
12
14
16
-0.5-0.4-0.3-0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 0.6
ppm/°C
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS,
T =30°C
ref
s
A
DNLMIN
DNLMAX
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30°C
ref
s
A
0
1
0
1
2
19
17
0
0
0
1
0
2
4
6
8
10
12
14
16
18
20
-0.5 -0.4 -0.3-0.2-0.1 0
0.1 0.2 0.3 0.4 0.5
ppm/°C
+VA =5V
+VBD=2.7V,
V
=5V,
f =500KSPS
ref
s
INLMAX
INLMIN
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2
2.5
3
3.5
4
4.5
5
V
-ReferenceVoltage-V
ref
+VA =5V
+VBD=2.7V,
f =500KSPS,
T =30°C
s
A
INLMIN
INLMAX
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30°C
ref
s
A
DNLMAX
DNLMIN
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2
2.5
3
3.5
4
4.5
5
V
-ReferenceVoltage-V
ref
+VA =5V
+VBD=2.7V,
f =500KSPS,
T =30°C
s
A
ADS8318
SLAS568A
– MAY 2008 – REVISED MARCH 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
GAIN ERROR
OFFSET ERROR
GAIN ERROR
vs
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
Figure 8.
DIFFERENTIAL NONLINEARITY
vs
OFFSET ERROR DRIFT
GAIN ERROR DRIFT HISTOGRAM
HISTOGRAM
SUPPLY VOLTAGE
Figure 9.
Figure 10.
Figure 11.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
vs
SUPPLY VOLTAGE
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 12.
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8318


Số phần tương tự - ADS8318IBDGSTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318IBDGST TI-ADS8318IBDGST Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8318IBDGSTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com