công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8319 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8319
Giải thích chi tiết về linh kiện  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8319 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8319 Datasheet HTML 1Page - Texas Instruments ADS8319 Datasheet HTML 2Page - Texas Instruments ADS8319 Datasheet HTML 3Page - Texas Instruments ADS8319 Datasheet HTML 4Page - Texas Instruments ADS8319 Datasheet HTML 5Page - Texas Instruments ADS8319 Datasheet HTML 6Page - Texas Instruments ADS8319 Datasheet HTML 7Page - Texas Instruments ADS8319 Datasheet HTML 8Page - Texas Instruments ADS8319 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
CDAC
COMP
SAR
O/P
Drive
I/P
Shift
Reg
ConversionandI/O
ControlLogic
IN+
IN-
REFIN
+VA
+VBD
SDO
SDI
SCLK
CONVST
GND
ADS8319
ADS8319
www.ti.com
SLAS600A – MAY 2008 – REVISED SEPTEMBER 2013
16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE,
SAR ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8319
1
FEATURES
DESCRIPTION
The ADS8319 is a 16-bit, 500-KSPS analog-to-digital
500-kHz Sample Rate
converter. It operates with a 2.25-V to 5.5-V external
16-Bit Resolution
reference. The device includes a capacitor based,
Zero Latency at Full Speed
SAR A/D converter with inherent sample and hold.
Unipolar, Single-Ended Input, Range: 0 V to
The device includes a 50-MHz SPI compatible serial
Vref
interface. The interface is designed to support daisy
chaining or cascading of multiple devices. Also a
SPI Compatible Serial Interface with Daisy
Busy Indicator makes it easy to synchronize with the
Chain Option
digital host.
Excellent Performance:
The ADS8319 unipolar single-ended input range
93.6 dB SNR Typ at 10-kHz I/P
supports an input swing of 0 V to +Vref.
–106 dB THD Typ at 10-kHz I/P
Device operation is optimized for very low power
±1.5 LSB Max INL
operation, and the power consumption directly scales
±1.0 LSB Max DNL
with speed. This feature makes it attractive for lower
Low Power Dissipation: 18 mW Typ at 500
speed applications.
KSPS
It is available in 10-pin MSOP and SON packages.
Power Scales Linearly with Speed: 3.6 mW/100
KSPS
Power Dissipation During Power-Down State:
0.25
μW Typ
10-Pin MSOP and SON Packages
APPLICATIONS
Battery Powered Equipments
Data Acquisition Systems
Instrumentation and Process Control
Medical Electronics
Optical Networking
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8319

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8319I TI-ADS8319I Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319IB TI-ADS8319IB Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319IBDGSR TI-ADS8319IBDGSR Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8319

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com