công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8318IBDGSR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8318IBDGSR
Giải thích chi tiết về linh kiện  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318IBDGSR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8318IBDGSR Datasheet HTML 2Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 3Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 4Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 5Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 6Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 7Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 8Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 9Page - Texas Instruments ADS8318IBDGSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
20pF
1.4V
Iol
Ioh
500µA
500µA
From
SDO
0.8V
2V
t
D ELA Y
0.3 VBD
t
D ELA Y
0.7 VBD
2V
0.8V
ADS8318
SLAS568A
– MAY 2008 – REVISED MARCH 2011
www.ti.com
TIMING REQUIREMENTS
All specifications typical at
–40°C to 85°C, +VA = 5 V, +3.1 V > +VBD ≥ 2.375 V
PARAMETER
REF FIGURE
MIN
TYP
MAX
UNIT
SAMPLING AND CONVERSION RELATED
tacq
Acquisition time
600
ns
Figure 46, Figure 48, Figure 50,
tcnv
Conversion time
1400
ns
Figure 52
tcyc
Time between conversions
2000
ns
t1
Pulse width CONVST high
Figure 46, Figure 48
10
ns
t6
Pulse width CONVST low
Figure 50, Figure 52, Figure 54
20
ns
I/O RELATED
tclk
SCLK period
30
ns
tclkl
SCLK low time
13
ns
Figure 46, Figure 48, Figure 50,
tclkh
SCLK high time
13
ns
Figure 52, Figure 54, Figure 56
t2
SCLK falling edge to data remains valid
5
ns
t3
SCLK falling edge to next data valid delay
24
ns
ten
CONVST or SDI low to MSB valid
Figure 46, Figure 50
22
ns
CONVST or SDI high or last SCLK falling edge to SDO
Figure 46, Figure 48, Figure 50,
tdis
15
ns
3-state (CS mode)
Figure 52
t4
SDI valid setup time to CONVST rising edge
5
ns
Figure 50, Figure 52
t5
SDI valid hold time from CONVST rising edge
5
ns
t7
SCLK valid setup time to CONVST rising edge
5
ns
Figure 54
t8
SCLK valid hold time from CONVST rising edge
5
ns
Figure 1. Load Circuit for Digital Interface Timing
Figure 2. Voltage Levels for Timing
6
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8318


Số phần tương tự - ADS8318IBDGSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318IBDGSR TI-ADS8318IBDGSR Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8318IBDGSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com