công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8284IRGCR bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS8284IRGCR
Giải thích chi tiết về linh kiện  ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8284IRGCR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8284IRGCR Datasheet HTML 2Page - Texas Instruments ADS8284IRGCR Datasheet HTML 3Page - Texas Instruments ADS8284IRGCR Datasheet HTML 4Page - Texas Instruments ADS8284IRGCR Datasheet HTML 5Page - Texas Instruments ADS8284IRGCR Datasheet HTML 6Page - Texas Instruments ADS8284IRGCR Datasheet HTML 7Page - Texas Instruments ADS8284IRGCR Datasheet HTML 8Page - Texas Instruments ADS8284IRGCR Datasheet HTML 9Page - Texas Instruments ADS8284IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Not Recommended for New Designs
ADS8284
SLAS628A – MARCH 2009 – REVISED APRIL 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
CH(i) to AGND (both P and M inputs)
VEE–0.3
VCC + 0.3
V
VCC to VEE
-0.3
18
V
+VA to AGND
–0.3
7
V
+VBD to BDGND
–0.3
7
V
ADC control digital input voltage to GND
–0.3
(+VBD + 0.3)
V
ADC control digital output to GND
–0.3
(+VBD + 0.3)
V
Multiplexer control digital input voltage to GND
–0.3
(+VA + 0.3)
V
Power control digital input voltage to GND
–0.3
(+VCC + 0.3)
V
Operating temperature range
–40
85
°C
Junction temperature (TJmax)
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2
2
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
–500
500
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog Input at Multiplexer Inputs
CHxP, CHxM
0
VREF
V
Digital Supply Voltage
+VBD
2.7
3.3
5.25
V
Analog Supply Voltage
+VA
4.75
5
5.25
V
Positive Supply Voltage for OPA
VCC
4.75
5
7.5
V
Negative Supply Voltage for OPA
VEE
–7.5
–5
–3
V
6.4 Thermal Information
RCG
THERMAL METRIC(1)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
24.0
RθJC(top)
Junction-to-case(top) thermal resistance
7.8
RθJB
Junction-to-board thermal resistance
3.2
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
3.2
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: ADS8284


Số phần tương tự - ADS8284IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8284IRGCR TI-ADS8284IRGCR Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Mô tả tương tự - ADS8284IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com