công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8284IRGCR bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS8284IRGCR
Giải thích chi tiết về linh kiện  ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8284IRGCR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8284IRGCR Datasheet HTML 1Page - Texas Instruments ADS8284IRGCR Datasheet HTML 2Page - Texas Instruments ADS8284IRGCR Datasheet HTML 3Page - Texas Instruments ADS8284IRGCR Datasheet HTML 4Page - Texas Instruments ADS8284IRGCR Datasheet HTML 5Page - Texas Instruments ADS8284IRGCR Datasheet HTML 6Page - Texas Instruments ADS8284IRGCR Datasheet HTML 7Page - Texas Instruments ADS8284IRGCR Datasheet HTML 8Page - Texas Instruments ADS8284IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Not Recommended for New Designs
ADS8284
SLAS628A – MARCH 2009 – REVISED APRIL 2014
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NO
NAME
MULTIPLEXER INPUT PINS
Non-inverting analog input for differential multiplexer channel number 0. Device performance is optimized for 50-
Ω source
17
CH0P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 0. Device performance is optimized for 50-
Ω source
18
CH0M
I
impedance at this input.
Non-inverting analog input for differential multiplexer channel number 1. Device performance is optimized for 50-
Ω source
19
CH1P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 1. Device performance is optimized for 50-
Ω source
20
CH1M
I
impedance at this input.
Non-inverting analog input for differential multiplexer channel number 2. Device performance is optimized for 50-
Ω source
29
CH2P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 2. Device performance is optimized for 50-
Ω source
30
CH2M
I
impedance at this input.
Non-inverting analog input for differential multiplexer channel number 3. Device performance is optimized for 50 ohm source
31
CH3P
I
impedance at this input.
Inverting analog input for differential multiplexer channel number 3. Device performance is optimized for 50-
Ω source
32
CH3M
I
impedance at this input.
ADC INPUT PINS
25
INP
I
ADC Non inverting input., connect 1-nF capacitor across INP and INM
27
INM
I
ADC Inverting input, connect 1-nF capacitor across INP and INM
REFERENCE INPUT/ OUTPUT PINS
8, 9
REFM
I
Reference ground.
10
REFIN
I
Reference Input. Add 0.1-
μF decoupling capacitor between REFIN and REFM.
11
REFOUT
O
Reference Output. Add 1-
μF capacitor between the REFOUT pin and REFM pin when internal reference is used.
14
VCMO
O
This pin outputs REFIN/2 and can be used to set common-mode voltage of differential analog inputs.
15
BUF-REF
O
Buffered reference output. Useful to level shift bipolar signals using external resistors.
POWER CONTROL PINS
21
PD-RBUF
I
High on this pin powers down the reference buffer (BUF-REF).
MULTIPLEXER CONTROL PINS
33
AUTO
I
High level on this pin selects auto mode for multiplexer scanning. Low level selects manual mode of multiplexer scanning
In auto mode (AUTO = 1) multiplexer channel selection is reset to CH0 on rising edge of MXCLK while C3 = 1. The pin is do
34
C3
I
not care in manual mode.
Acts as multiplexer address bit when AUTO = 0 (manual mode). In auto mode (AUTO = 1) C2 and C1 select the last
35
C2
I
multiplexer channel (channel count) in the auto scan sequence.
Acts as multiplexer address LSB when AUTO = 0 (manual mode). In auto mode (AUTO = 1) C2 and C1 select the last
36
C1
I
multiplexer channel (channel count) in the auto scan sequence.
Multiplexer channel is selected on rising edge of MXCLK irrespective of whether it is auto or manual mode. Device BUSY
37
MXCLK
I
output can be connected to MXCLK so that device selects next channel at the end of every sample.
ADC DATA BUS
8-BIT BUS
16-BIT BUS
18-BIT BUS
42-49,
Data Bus
BYTE = 0
BYTE = 1
BYTE = 1
BYTE = 0
BYTE = 0
BYTE = 0
52-61
BUS18/16 = 0
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
42
DB17
O
D17 (MSB)
D9
All ones
D17 (MSB)
All ones
D17 (MSB)
43
DB16
O
D16
D8
All ones
D16
All ones
D16
44
DB15
O
D15
D7
All ones
D15
All ones
D15
45
DB14
O
D14
D6
All ones
D14
All ones
D14
46
DB13
O
D13
D5
All ones
D13
All ones
D13
47
DB12
O
D12
D4
All ones
D12
All ones
D12
48
DB11
O
D11
D3
D1
D11
All ones
D11
49
DB10
O
D10
D2
D0 (LSB)
D10
All ones
D10
52
DB9
O
D9
All ones
All ones
D9
All ones
D9
53
DB8
O
D8
All ones
All ones
D8
All ones
D8
54
DB7
O
D7
All ones
All ones
D7
All ones
D7
55
DB6
O
D6
All ones
All ones
D6
All ones
D6
56
DB5
O
D5
All ones
All ones
D5
All ones
D5
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: ADS8284


Số phần tương tự - ADS8284IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8284IRGCR TI-ADS8284IRGCR Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Mô tả tương tự - ADS8284IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com