công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8201IBRGET bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS8201IBRGET
Giải thích chi tiết về linh kiện  2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8201IBRGET bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8201IBRGET Datasheet HTML 1Page - Texas Instruments ADS8201IBRGET Datasheet HTML 2Page - Texas Instruments ADS8201IBRGET Datasheet HTML 3Page - Texas Instruments ADS8201IBRGET Datasheet HTML 4Page - Texas Instruments ADS8201IBRGET Datasheet HTML 5Page - Texas Instruments ADS8201IBRGET Datasheet HTML 6Page - Texas Instruments ADS8201IBRGET Datasheet HTML 7Page - Texas Instruments ADS8201IBRGET Datasheet HTML 8Page - Texas Instruments ADS8201IBRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
IN4
IN5
IN6
IN7
RST
BUSY/INT
ADCIN
AGND
REFGND
REF
VA
VD
1
2
3
4
5
6
18
17
16
15
14
13
ADS8201
ThermalPad
(BottomSide)
(1)
ADS8201
SLAS534B – JULY 2009 – REVISED MAY 2010
www.ti.com
PIN CONFIGURATION
RGE PACKAGE
QFN-24
(TOP VIEW)
(1)
Thermal pad should be tied to AGND.
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
IN4
1
I
Input channel single-ended 4 or differential pair 3
IN5
2
I
Input channel single-ended 5 or differential pair 3
IN6
3
I
Input channel single-ended 6 or differential pair 4
IN7
4
I
Input channel single-ended 7 or differential pair 4
RST
5
I
External hardware reset
Status output. If programmed as the BUSY pin, this pin is low (default) when a conversion is in progress. If
BUSY/INT
6
O
programmed as an interrupt (INT), this pin is low for a preprogrammed duration after the end of a conversion and valid
data are to be output. The polarity of either BUSY or INT is programmable.
SCLK
7
I
Serial interface clock
CS
8
I
Chip select input for SPI interface slave select (SS)
SDI
9
I
Serial data in
SDO
10
O
Serial data out
DGND
11
I/O
Interface ground
CONVST
12
I
Starts conversion
VD
13
I
Interface supply
VA
14
I
Analog supply (+2.2VDC to +5.5VDC)
REF
15
I
External reference input
REFGND
16
I/O
Reference ground
AGND
17
I/O
Analog ground
ADCIN
18
I
ADC input
PGAOUT
19
O
Mux output. Output can be further filtered before sending to ADCIN.
PGAREF
20
I
PGA Reference
IN0
21
I
Analog channel single-ended 0 or differential pair 0
IN1
22
I
Analog channel single-ended 1 or differential pair 0
IN2
23
I
Analog channel single-ended 2 or differential pair 1
IN3
24
I
Analog channel single-ended 3 or differential pair 1
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8201


Số phần tương tự - ADS8201IBRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201IBRGET TI-ADS8201IBRGET Datasheet
522Kb / 33P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGET TI-ADS8201IBRGET Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Mô tả tương tự - ADS8201IBRGET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI-ADS8201 Datasheet
522Kb / 33P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com