công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8201IBRGER bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS8201IBRGER
Giải thích chi tiết về linh kiện  2.2V to 5.5V, Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8201IBRGER bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8201IBRGER Datasheet HTML 1Page - Texas Instruments ADS8201IBRGER Datasheet HTML 2Page - Texas Instruments ADS8201IBRGER Datasheet HTML 3Page - Texas Instruments ADS8201IBRGER Datasheet HTML 4Page - Texas Instruments ADS8201IBRGER Datasheet HTML 5Page - Texas Instruments ADS8201IBRGER Datasheet HTML 6Page - Texas Instruments ADS8201IBRGER Datasheet HTML 7Page - Texas Instruments ADS8201IBRGER Datasheet HTML 8Page - Texas Instruments ADS8201IBRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADS8201
www.ti.com
SLAS534B – JULY 2009 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, 2.2V < VA = VREF < 5.5V, 2.2V < VD < 5.5V, fSAMPLE = 100kHz, and gain = 1, unless otherwise noted.
ADS8201I
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
12
Bits
No missing codes
12
Bits
INL
Integral nonlinearity
–1.5
±0.5
+1.5
LSB
DNL
Differential nonlinearity
–1
±0.5
+1
LSB
VOS
Offset error(1)
–7.5
3
+7.5
mV
Offset error drift
0.2
ppm/°C
End-point error
Single-ended input, gain = 1
–0.1
+0.1
%
GERR
Gain error
All gains
–0.1
0.05
+0.1
%
Gain error drift
0.3
ppm/°C
CMRR
Common-mode rejection ratio
At dc, PGAREF = VREF/2
66
dB
Noise
600
mVRMS
PSS
Power-supply sensitivity
0.8
LSB
PSRR
Power-supply rejection ratio
68
dB
SAMPLING DYNAMICS
tCONV
Conversion time
10
ms
Throughput rate
100
kHz
CLOCK
fCLK
Internal conversion clock frequency
3.2
4
4.8
MHz
SCLK
External serial clock
Used as I/O clock
25
MHz
EXTERNAL REFERENCE INPUT
Input voltage range,
VREF
2.2V
≤ VA ≤ 5.5V
2.048
VA
V
VREF = (REF+ – REFGND)
RREF
Reference input resistance
360
k
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
High-level input voltage
VD
≥ 2.2V
0.80 × (+VD)
+VD + 0.3
V
VIL
Low-level input voltage
VD
≥ 2.2V
–0.3
0.20 × (+VD)
V
IIN
Input current
VIN = +VD or DGND
10
nA
CIN
Input capacitance
5
pF
VOH
High-level output voltage
VD
≥ 2.2V, IOUT = 100mA
0.8 × (+VD)
V
VOL
Low-level output voltage
VD
≥ 2.2V, IOUT = 100mA
0
0.2 × (+VD)
V
COUT
Output capacitance
10
pF
CLOAD
Load capacitance
100
pF
Data format
Straight Binary
POWER SUPPLY
VD
Digital supply voltage
2.2
5.5
V
VA
Analog supply voltage
2.2
5.5
V
VA = 5V
900
1500
mA
IQA + IQD
Supply current
VA = 2.2V
600
mA
VIN = FS at VREF = 5V,
IPD
Power-down current(2)
0.5
2
mA
gain = 1
VA = 5V
4.5
7.5
mW
PDISS
Power dissipation
VA = 2.2V
1.32
mW
TEMPERATURE RANGE
TA
Operating
–40
85
°C
(1)
Includes mux + PGA + ADC offset error.
(2)
With SCLK disabled.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8201


Số phần tương tự - ADS8201IBRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201IBRGER TI-ADS8201IBRGER Datasheet
522Kb / 33P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201IBRGER TI-ADS8201IBRGER Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
More results

Mô tả tương tự - ADS8201IBRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8201 TI-ADS8201_1 Datasheet
678Kb / 35P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
ADS8201 TI-ADS8201 Datasheet
522Kb / 33P
[Old version datasheet]   2.2V to 5.5V,Low-Power, 12-Bit, 100kSPS, 8-Channel Data Acquisition System with PGA and SPI??Interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
   8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com