công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCS7476AIMFX bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADCS7476AIMFX
Giải thích chi tiết về linh kiện  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7476AIMFX bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADCS7476AIMFX Datasheet HTML 1Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 2Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 3Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 4Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 5Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 6Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 7Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 8Page - Texas Instruments ADCS7476AIMFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin No.
Symbol
Description
ANALOG I/O
3
VIN
Analog input. This signal can range from 0V to VDD.
DIGITAL I/O
Digital clock input. The range of frequencies for this input is 10 kHz to 20 MHz, with ensured
4
SCLK
performance at 20 MHz. This clock directly controls the conversion and readout processes.
5
SDATA
Digital data output. The output words are clocked out of this pin by the SCLK pin.
6
CS
Chip select. A conversion process begins on the falling edge of CS.
POWER SUPPLY
Positive supply pin. These pins should be connected to a quiet +2.7V to +5.25V source and bypassed
1
VDD
to GND with 0.1 µF and 1 µF monolithic capacitors located within 1 cm of the power pin. The
ADCS7476/77/78 uses this power supply as a reference, so it should be thoroughly bypassed.
2
GND
The ground return for the supply.
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage VDD
−0.3V to +6.5V
Voltage on Any Analog Pin to GND
−0.3V to VDD +0.3V
Voltage on Any Digital Pin to GND
-0.3V to 6.5V
Input Current at Any Pin (3)
±10 mA
ESD Susceptibility
Human Body Model
3500V
Machine Model
200V
Soldering Temperature, Infrared,
10 seconds
215°C
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be
impaired. Functional operability under any of these conditions is not implied. Exposure to maximum ratings for extended periods may
affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Except power supply pins.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478


Số phần tương tự - ADCS7476AIMFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADCS7476AIMFX NSC-ADCS7476AIMFX Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476AIMFX NSC-ADCS7476AIMFX Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7476AIMFX TI1-ADCS7476AIMFX Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
ADCS7476AIMFX/NOPB TI1-ADCS7476AIMFX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
More results

Mô tả tương tự - ADCS7476AIMFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADCS7476AIMF-NOPB TI1-ADCS7476AIMF-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADCS7476 NSC-ADCS7476_07 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476 Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com