công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCS7476 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADCS7476
Giải thích chi tiết về linh kiện  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7476 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADCS7476 Datasheet HTML 4Page - Texas Instruments ADCS7476 Datasheet HTML 5Page - Texas Instruments ADCS7476 Datasheet HTML 6Page - Texas Instruments ADCS7476 Datasheet HTML 7Page - Texas Instruments ADCS7476 Datasheet HTML 8Page - Texas Instruments ADCS7476 Datasheet HTML 9Page - Texas Instruments ADCS7476 Datasheet HTML 10Page - Texas Instruments ADCS7476 Datasheet HTML 11Page - Texas Instruments ADCS7476 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
ADCS7476/ADCS7477/ADCS7478 Specifications
(1)
ADCS7478 Converter Electrical Characteristics (continued)
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted.
Boldface limits apply for TA = −40°C to +85°C: all other limits TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
ISOURCE = 200 µA,
VOH
Output High Voltage
VDD −0.2
V (min)
VDD = +2.7V to +5.25V
VOL
Output Low Voltage
ISINK = 200 µA
0.4
V (max)
IOL
TRI-STATE Leakage Current
±10
µA (max)
COUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock Frequency
20
MHz (max)
40
% (min)
DC
SCLK Duty Cycle
60
% (max)
tTH
Track/Hold Acquisition Time
400
ns (max)
fRATE
Throughput Rate
See Applications Information
1
MSPS (min)
tAD
Aperture Delay
3
ns
tAJ
Aperture Jitter
30
ps
Figure 2. Timing Test Circuit
Timing Test Circuit ADCS7476/ADCS7477/ADCS7478 Timing Specifications
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, Boldface limits apply for TA = −40°C to +85°C:
all other limits TA = 25°C, unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Typical
Limits
Units
tCONVERT
16 x tSCLK
tQUIET
(2)
50
ns (min)
t1
Minimum CS Pulse Width
10
ns (min)
t2
CS to SCLK Setup Time
10
ns (min)
Delay from CS Until SDATA TRI-STATE
t3
20
ns (max)
Disabled (3)
VDD = +2.7 to +3.6
40
ns (max)
Data Access Time after SCLK Falling
t4
Edge(4)
VDD = +4.75 to +5.25
20
ns (max)
0.4 x
t5
SCLK Low Pulse Width
ns (min)
tSCLK
0.4 x
t6
SCLK High Pulse Width
ns (min)
tSCLK
VDD = +2.7 to +3.6
7
ns (min)
t7
SCLK to Data Valid Hold Time
VDD = +4.75 to +5.25
5
ns (min)
(1)
All input signals are specified as tr = tf = 5 ns (10% to 90% VDD) and timed from 1.6V.
(2)
Minimum Quiet Time Required Between Bus Relinquish and Start of Next Conversion
(3)
Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V.
(4)
Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V or 2.0V.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478


Số phần tương tự - ADCS7476

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476 NSC-ADCS7476 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
logo
National Semiconductor ...
ADCS7476AIMF NSC-ADCS7476AIMF Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7476AIMF NSC-ADCS7476AIMF Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
More results

Mô tả tương tự - ADCS7476

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADCS7476AIMF-NOPB TI1-ADCS7476AIMF-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADCS7476 NSC-ADCS7476_07 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476 Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com