công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8509IBDBG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8509IBDBG4
Giải thích chi tiết về linh kiện  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8509IBDBG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS8509IBDBG4 Datasheet HTML 1Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 2Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 3Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 4Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 5Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 6Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 7Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 8Page - Texas Instruments ADS8509IBDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADS8509
SLAS324C – OCTOBER 2004 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MINIMUM
NO
MINIMUM
SPECIFICATION
RELATIVE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
MISSING
SINAD
TEMPERATURE
ACCURACY
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
CODE
(dB)
RANGE
(LSB)
ADS8509IBDW
Tube, 25
SO-20
DW
ADS8509IBDWR
Tape and Reel, 2000
ADS8509IB
±2
16
85
–40°C to 85°C
ADS8509IBDB
Tube, 50
SSOP-28
DB
ADS8509IBDBR
Tape and Reel, 2000
ADS8509IDW
Tube, 25
SO-20
DW
ADS8509IDWR
Tape and Reel, 2000
ADS8509I
±3
15
83
–40°C to 85°C
ADS8509IDB
Tube, 50
SSOP-28
DB
ADS8509IDBR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
R1IN
±25 V
R2IN
±25 V
Analog inputs
R3IN
±25 V
REF
+VANA + 0.3 V to AGND2 – 0.3 V
CAP
Indefinite short to AGND2, momentary short to VANA
DGND, AGND2
±0.3 V
VANA
6 V
Ground voltage differences
VDIG to VANA
0.3 V
VDIG
6 V
Digital inputs
–0.3 V to +VDIG + 0.3 V
Maximum junction temperature
165°C
Storage temperature range
–65°C to 150°C
Internal power dissipation
700 mW
Lead temperature (soldering, 1.6 mm from case 10 seconds)
260°C
(1)
All voltage values are with respect to network ground terminal.
2
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8509


Số phần tương tự - ADS8509IBDBG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8509IBDB BURR-BROWN-ADS8509IBDB Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBR BURR-BROWN-ADS8509IBDBR Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBRG4 BURR-BROWN-ADS8509IBDBRG4 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8509IBDBG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com