công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8509 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS8509
Giải thích chi tiết về linh kiện  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8509 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8509_14 Datasheet HTML 1Page - Texas Instruments ADS8509_14 Datasheet HTML 2Page - Texas Instruments ADS8509_14 Datasheet HTML 3Page - Texas Instruments ADS8509_14 Datasheet HTML 4Page - Texas Instruments ADS8509_14 Datasheet HTML 5Page - Texas Instruments ADS8509_14 Datasheet HTML 6Page - Texas Instruments ADS8509_14 Datasheet HTML 7Page - Texas Instruments ADS8509_14 Datasheet HTML 8Page - Texas Instruments ADS8509_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADS8509
SLAS324C – OCTOBER 2004 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and 0.1%, 0.25-W fixed resistors (see
Figure 29 and Figure 30) (unless otherwise specified)
ADS8509I
ADS8509IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current
1
1
mA
(must use external buffer)
Internal reference drift
8
8
ppm/°C
External reference voltage range
2.3
2.5
2.7
2.3
2.5
2.7
V
for specified linearity
External reference current drain
Ext. 2.5-V ref.
100
100
mA
DIGITAL INPUTS
Logic levels
VIL
Low-level input voltage
–0.3
0.8
–0.3
0.8
V
VIH
High-level input voltage
2.0
VDIG +0.3 V
2.0
VDIG +0.3 V
V
IIL
Low-level input current
VIL = 0 V
±10
±10
mA
IIH
High-level input current
VIH = 5 V
±10
±10
mA
DIGITAL OUTPUTS
Data format (serial 16-bits)
Data coding (binary 2's
complement or straight binary)
Pipeline delay (conversion results
only available after completed
conversion)
Data clock (selectable for internal
or external data clock)
Internal clock (output only when
EXT/INT Low
9
9
MHz
transmitting data)
External clock (can run
EXT/INT High
0.1
26
0.1
26
continually but not recommended
MHz
for optimum performance)
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 mA
4
4
V
Hi-Z State,
±5
±5
mA
Leakage current
VOUT = 0 V to VDIG
Output capacitance
Hi-Z State
15
15
pF
POWER SUPPLIES
VDIG
Digital input voltage
4.75
5
5.25
4.75
5
5.25
V
VANA
Analog input voltage
4.75
5
5.25
4.75
5
5.25
V
Must be
≤ VANA
IDIG
Digital input current
4
4
mA
IANA
Analog input current
10
10
mA
POWER DISSIPATION
PWRD Low
fS = 250 kHz
70
100
70
100
mW
PWRD High
50
50
mW
TEMPERATURE RANGE
Specified performance
–40
85
–40
85
°C
Derated performance(9)
–55
125
–55
125
°C
Storage
–65
150
–65
150
°C
THERMAL RESISTANCE (qJA)
SSOP
62
62
°C/W
SO
46
46
°C/W
(9)
The internal reference may not be started correctly beyond the industrial temperature range (–40°C to 85°C), therefore use of an
external reference is recommended.
4
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8509


Số phần tương tự - ADS8509_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509HDB TI1-ADS8509HDB Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509IBDB BURR-BROWN-ADS8509IBDB Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBR BURR-BROWN-ADS8509IBDBR Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBRG4 BURR-BROWN-ADS8509IBDBRG4 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8509_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com