công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM211-EP bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM211-EP
Giải thích chi tiết về linh kiện  DIFFERENTIAL COMPARATOR WITH STROBES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM211-EP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM211-EP_14 Datasheet HTML 1Page - Texas Instruments LM211-EP_14 Datasheet HTML 2Page - Texas Instruments LM211-EP_14 Datasheet HTML 3Page - Texas Instruments LM211-EP_14 Datasheet HTML 4Page - Texas Instruments LM211-EP_14 Datasheet HTML 5Page - Texas Instruments LM211-EP_14 Datasheet HTML 6Page - Texas Instruments LM211-EP_14 Datasheet HTML 7Page - Texas Instruments LM211-EP_14 Datasheet HTML 8Page - Texas Instruments LM211-EP_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
EMIT OUT
IN+
IN−
VCC−
VCC+
COL OUT
BAL/STRB
BALANCE
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
Controlled Baseline
Maximum Input Bias Current . . . 300 nA
– One Assembly/Test Site, One Fabrication
Maximum Input Offset Current . . . 70 nA
Site
Can Operate From Single 5-V Supply
Extended Temperature Performance of
–55
°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product Change Notification
Qualification Pedigree (1)
Fast Response Times
Strobe Capability
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold-compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The LM211-EP is a single high-speed voltage comparator. This device is designed to operate from a wide range
of power-supply voltages, including
±15-V supplies for operational amplifiers and 5-V supplies for logic systems.
The output levels are compatible with most TTL and MOS circuits. This comparator is capable of driving lamps
or relays and switching voltages up to 50 V at 50 mA. All inputs and outputs can be isolated from system
ground. The outputs can drive loads referenced to ground, VCC+ or VCC–. Offset balancing and strobe capabilities
are available, and the outputs can be wired-OR connected. If the strobe is low, the output is in the off state,
regardless of the differential input.
ORDERING INFORMATION
VIO max
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
AT 25
°C
–40
°C to 125°C
3 mV
SOIC – D
Tape and reel
LM211QDREP
LM211E
–55
°C to 125°C
3 mV
SOIC – D
Tape and reel
LM211MDREP
LM211M
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM211-EP_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

Mô tả tương tự - LM211-EP_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com