công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7171AMWG-QML bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7171AMWG-QML
Giải thích chi tiết về linh kiện  Very High Speed, High Output Current, Voltage Feedback Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171AMWG-QML bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM7171AMWG-QML Datasheet HTML 2Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 3Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 4Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 5Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 6Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 7Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 8Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 9Page - Texas Instruments LM7171AMWG-QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LM7171QML, LM7171QML-SP
SNOSAR5C – FEBRUARY 2009 – REVISED APRIL 2013
www.ti.com
LM7171 (±15) Electrical Characteristics AC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
AC:
TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, and RL > 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
SR
Slew Rate
AV = 2, VI = ±2.5V
See(3)(4)
2000
V/µS
4
3nS Rise & Fall time
GBW
Unity-Gain Bandwidth
See(5)
170
MHz
4
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per Test Method
1019, Condition A.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been peformed on a wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-
STD-883, with no enhanced low dose rate sensitivity (ELDRS).
(3)
See AN00001 for SR test circuit.
(4)
Slew Rate measured between ±4V.
(5)
See AN00002 for GBW test circuit.
LM7171 (±15) Electrical Characteristics DC Drift Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
DC:
TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, and RL > 1MΩ
Delta calculations performed on QMLV devices at group B , subgroup 5.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
-250
250
µV
1
+IBias
Input Bias Current
-500
500
nA
1
-IBias
Input Bias Current
-500
500
nA
1
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per Test Method
1019, Condition A.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been peformed on a wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-
STD-883, with no enhanced low dose rate sensitivity (ELDRS).
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM7171QML LM7171QML-SP


Số phần tương tự - LM7171AMWG-QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7171AMWG-QML NSC-LM7171AMWG-QML Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMWG-QML NSC-LM7171AMWG-QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171AMWG-QML TI1-LM7171AMWG-QML Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171AMWG-QML TI-LM7171AMWG-QML Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
logo
National Semiconductor ...
LM7171AMWG-QMLV NSC-LM7171AMWG-QMLV Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
More results

Mô tả tương tự - LM7171AMWG-QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com