công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7372
Giải thích chi tiết về linh kiện  High Speed, High Output Current, Dual Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM7372 Datasheet HTML 1Page - Texas Instruments LM7372 Datasheet HTML 2Page - Texas Instruments LM7372 Datasheet HTML 3Page - Texas Instruments LM7372 Datasheet HTML 4Page - Texas Instruments LM7372 Datasheet HTML 5Page - Texas Instruments LM7372 Datasheet HTML 6Page - Texas Instruments LM7372 Datasheet HTML 7Page - Texas Instruments LM7372 Datasheet HTML 8Page - Texas Instruments LM7372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM7372
www.ti.com
SNOS926E – MAY 1999 – REVISED MARCH 2013
±15V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 0V and RL = 1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
SR
Slew Rate(3)
AV = +2, VIN 13VP-P
3000
V/µs
AV = +2, VIN 10VP-P
2000
Unity Bandwidth Product
120
MHz
−3dB Frequency
AV = +2
220
MHz
φm
Phase Margin
AVOL = 6dB
70
deg
tS
Settling Time (0.1%)
AV = −1, AO = ±5V,
50
ns
RL = 500Ω
tP
Propagation Delay
AV = −2, VIN = ±5V,
6.0
ns
RL = 500Ω
AD
Differential Gain(4)
0.01
%
φD
Differential Phase(4)
0.02
deg
hd2
Second Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
−80
dBc
FIN = 1MHz, AV = +2
VOUT = 16.8VP-P, RL = 100Ω
−73
dBc
hd3
Third Harmonic Distortion
VOUT = 2VP-P, RL = 100Ω
−91
dBc
FIN = 1MHz, AV = +2
VOUT = 16.8VP-P, RL = 100Ω
−67
dBc
IMD
Intermodulation Distortion
Fin 1 = 75kHz,
−87
dBc
Fin 2 = 85kHz
VOUT = 16.8VP-P, RL = 100Ω
en
Input-Referred Voltage Noise
f = 10kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10kHz
1.5
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Slew Rate is the average of the rising and falling slew rates.
(4)
Differential gain and phase are measured with AV = +2, VIN = 1VPP at 3.58 MHz and output is 150Ω terminated.
±5V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 0V and RL = 1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
2.2
8.0
mV
10.0
TC VOS
Input Offset Voltage Average Drift
12
µV/°C
IB
Input Bias Current
3.3
10
µA
12
IOS
Input Offset Current
0.1
4
µA
6
RIN
Input Resistance
Common Mode
40
M
Differential Mode
3.3
M
RO
Open Loop Output Resistance
15
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
70
90
dB
65
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
75
90
dB
70
VCM
Input Common-Mode Voltage Range
CMRR > 60dB
±3
V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7372


Số phần tương tự - LM7372

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
National Semiconductor ...
LM7372ILD NSC-LM7372ILD Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372ILDX NSC-LM7372ILDX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372IMA NSC-LM7372IMA Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com