công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7171QML-SP bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7171QML-SP
Giải thích chi tiết về linh kiện  Very High Speed, High Output Current, Voltage Feedback Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171QML-SP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM7171QML-SP Datasheet HTML 1Page - Texas Instruments LM7171QML-SP Datasheet HTML 2Page - Texas Instruments LM7171QML-SP Datasheet HTML 3Page - Texas Instruments LM7171QML-SP Datasheet HTML 4Page - Texas Instruments LM7171QML-SP Datasheet HTML 5Page - Texas Instruments LM7171QML-SP Datasheet HTML 6Page - Texas Instruments LM7171QML-SP Datasheet HTML 7Page - Texas Instruments LM7171QML-SP Datasheet HTML 8Page - Texas Instruments LM7171QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
NC
10
V+
9
NC
8
V
OUTPUT
7
NC
6
NC
1
IN-
2
NC
3
IN+
4
V-
5
LM7171QML, LM7171QML-SP
www.ti.com
SNOSAR5C – FEBRUARY 2009 – REVISED APRIL 2013
LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
Check for Samples: LM7171QML, LM7171QML-SP
1
FEATURES
DESCRIPTION
The LM7171 is a high speed voltage feedback
23
(Typical Unless Otherwise Noted)
amplifier that has the slewing characteristic of a
Easy-To-Use Voltage Feedback Topology
current feedback amplifier; yet it can be used in all
Very High Slew Rate:
2400V/
μs
traditional voltage feedback amplifier configurations.
The LM7171 is stable for gains as low as +2 or
−1. It
Wide Unity-Gain Bandwidth:
200 MHz
provides a very high slew rate at 4100V/
μs and a
−3 dB Frequency @ AV = +2: 220 MHz
wide
unity-gain
bandwidth
of
200
MHz
while
Low Supply Current:
6.5 mA
consuming only 6.5 mA of supply current. It is ideal
for
video
and
high
speed
signal
processing
High Open Loop Gain:
85 dB
applications such as HDSL and pulse amplifiers. With
High Output Current:
100 mA
100 mA output current, the LM7171 can be used for
Specified for ±15V and ±5V Operation
video distribution, as a transformer driver or as a
laser diode driver.
Available with Radiation Guarantee
Total Ionizing Dose 300 Krad(Si)
Operation on ±15V power supplies allows for large
signal swings and provides greater dynamic range
ELDRS Free 300 Krad(Si)
and signal-to-noise ratio. The LM7171 offers low
SFDR and THD, ideal for ADC/DAC systems. In
APPLICATIONS
addition, the LM7171 is specified for ±5V operation
HDSL and ADSL Drivers
for portable applications.
Multimedia Broadcast Systems
The
LM7171
is
built
on
Texas
Instruments's
Professional Video Cameras
advanced
VIP™
III
(Vertically
integrated
PNP)
complementary bipolar process.
Video Amplifiers
Copiers/Scanners/Fax
HDTV Amplifiers
Pulse Amplifiers and Peak Detectors
CATV/Fiber Optics Signal Processing
Connection Diagram
Figure 1. 8-Pin CDIP Top View
Figure 2. 10-Pin CFP Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM7171QML-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7171QML-SP TI1-LM7171QML-SP Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP TI-LM7171QML-SP Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171QML-SP TI-LM7171QML-SP Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
logo
National Semiconductor ...
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
More results

Mô tả tương tự - LM7171QML-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7171QML NSC-LM7171QML Datasheet
812Kb / 24P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 NSC-LM7171 Datasheet
615Kb / 20P
   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI1-LM7171QML_17 Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171 TI1-LM7171 Datasheet
1Mb / 33P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7171 NSC-LM7171_14 Datasheet
1Mb / 30P
   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
LM7171QML-SP NSC-LM7171QML-SP_14 Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
LM7171QML TI-LM7171QML_V02 Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
LM7171QML TI-LM7171QML_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
LM7171AIM TI1-LM7171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com