công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM239A-EP bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM239A-EP
Giải thích chi tiết về linh kiện  QUAD DIFFERENTIAL COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM239A-EP bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM239A-EP Datasheet HTML 1Page - Texas Instruments LM239A-EP Datasheet HTML 2Page - Texas Instruments LM239A-EP Datasheet HTML 3Page - Texas Instruments LM239A-EP Datasheet HTML 4Page - Texas Instruments LM239A-EP Datasheet HTML 5Page - Texas Instruments LM239A-EP Datasheet HTML 6Page - Texas Instruments LM239A-EP Datasheet HTML 7Page - Texas Instruments LM239A-EP Datasheet HTML 8Page - Texas Instruments LM239A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN−
2IN+
1IN−
1IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
D OR PW PACKAGE
(TOP VIEW)
LM239A-EP
www.ti.com
SCLS496C – MAY 2003 – REVISED JULY 2010
QUAD DIFFERENTIAL COMPARATOR
Check for Samples: LM239A-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Wide Supply Ranges
Controlled Baseline
Single Supply: 2 V to 36 V
One Assembly/Test Site
(Tested to 30 V for Non-V Devices and 32 V
One Fabrication Site
for V-Suffix Devices)
Available in Military (–55°C/125°C)
Dual Supplies: ±1 V to ±18 V
Temperature Range(1)
(Tested to ±15 V for Non-V Devices and
Extended Product Life Cycle
±16 V for V-Suffix Devices)
Extended Product-Change Notification
Low Supply-Current Drain Independent of
Product Traceability
Supply Voltage: 0.8 mA (Typ)
Low Input Bias Current: 25 nA (Typ)
Low Input Offset Current: 5 nA (Typ)
Low Input Offset Voltage: 2 mV (Typ)
Common-Mode Input Voltage Range Includes
Ground
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±36 V
Low Output Saturation Voltage
Output Compatible With TTL, MOS, and CMOS
(1)
Custom temperature ranges available
DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM239A-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP Datasheet
565Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP Datasheet
604Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-EP TI-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-EP TI1-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

Mô tả tương tự - LM239A-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com