công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC4066DB bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
SN74AHC4066DB bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 29 page SN74AHC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS511 − JUNE 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 5.5-V V CC Operation D Supports Mixed-Mode Voltage Operation on All Ports D High On-Off Output-Voltage Ratio D Low Crosstalk Between Switches D Individual Switch Controls D Extremely Low Input Current D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) − 1000-V Charged-Device Model (C101) description/ordering information This quadruple silicon-gate CMOS analog switch is designed for 2-V to 5.5-V VCC operation. This switch is designed to handle both analog and digital signals. Each switch permits signals with amplitudes up to 5.5 V (peak) to be transmitted in either direction. Each switch section has its own enable-input control (C). A high-level voltage applied to C turns on the associated switch section. Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for analog-to-digital and digital-to-analog conversion systems. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74AHC4066N SN74AHC4066N QFN − RGY Tape and reel SN74AHC4066RGYR HA4066 SOIC D Tube SN74AHC4066D AHC4066 SOIC − D Tape and reel SN74AHC4066DR AHC4066 SOP NS Tube SN74AHC4066NS AHC4066 −40 °C to 85°C SOP − NS Tape and reel SN74AHC4066NSR AHC4066 SSOP DB Tube SN74AHC4066DB HA4066 SSOP − DB Tape and reel SN74AHC4066DBR HA4066 TSSOP PW Tube SN74AHC4066PW HA4066 TSSOP − PW Tape and reel SN74AHC4066PWR HA4066 TVSOP − DGV Tape and reel SN74AHC4066DGVR HA4066 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright © 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 2B 2A 2C 3C GND VCC 1C 4C 4A 4B 3B 3A D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 1C 4C 4A 4B 3B 1B 2B 2A 2C 3C NC − No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SN74AHC4066DB |
|
Mô tả tương tự - SN74AHC4066DB |