công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3159-Q1 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A3159-Q1
Giải thích chi tiết về linh kiện  1-廓 SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159-Q1 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TS5A3159-Q1 Datasheet HTML 3Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 9Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 10Page - Texas Instruments TS5A3159-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TS5A3159-Q1
www.ti.com
SCDS336A – NOVEMBER 2012 – REVISED DECEMBER 2012
Electrical Characteristics for 1.8-V Supply (continued)
V+ = 1.65 V to 1.95 V and TA = −40°C to 125°C (unless otherwise noted
TYP(
PARAMETER
TEST CONDITIONS
TA
V+
MIN
MAX
UNIT
1)
INC(ON),
NC, NO
VNC or VNO = 1.65 V,
Switch ON,
1.95
25°C
2.8
nA
INO(ON)
On leakage current
VCOM = Open
See Figure 13
V
COM
VNC or VNO = 1.65 V or Open,
Switch ON,
1.95
ICOM(ON)
25°C
0.47
nA
On leakage current
VCOM = 1.65 V
See Figure 13
V
Digital Inputs (IN)
VIH
Input logic high
Full
1.5
5.5
V
VIL
Input logic low
Full
0
0.6
V
Input leakage
1.95
IIH, IIL
VIN = 5.5 V or 0
Full
−1
1
µA
current
V
Dynamic
25°C
1.65
65
70
VCOM = V+,
CL = 35 pF,
V to
tON
Turn-on time
ns
RL = 50 Ω,
See Figure 15
1.95
Full
95
V
25°C
1.65
40
55
VCOM = V+,
CL = 35 pF,
V to
tOFF
Turn-off time
ns
RL = 50 Ω,
See Figure 15
1.95
Full
70
V
25°C
1.65
1
60
72
Break-before-make
VNC = VNO = V+ / 2,
CL = 35 pF,
V to
tBBM
ns
time
RL = 50 Ω,
See Figure 16
1.95
Full
0.5
V
QC
Charge injection
CL = 1 nF, VGEN = 0 V,
See Figure 20
25°C
1.8 V
13
pC
CNC(OFF), NC, NO
VNC or VNO = V+ or GND,
See Figure 14
25°C
1.8 V
23
pF
CNO(OFF)
OFF capacitance
Switch OFF,
CNC(ON),
NC, NO
VNC or VNO = V+ or GND,
See Figure 14
25°C
1.8 V
84
pF
CNO(ON)
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 14
25°C
1.8 V
84
pF
ON capacitance
Switch ON,
Digital input
CIN
VIN = V+ or GND,
See Figure 14
25°C
1.8 V
2.1
pF
capacitance
RL = 50 Ω,
BW
Bandwidth
See Figure 17
25°C
1.8 V
100
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
1.8 V
–63
dB
f = 1 MHz,
See Figure 18
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
1.8 V
–63
dB
f = 1 MHz,
See Figure 19
Supply
25°C
0.1
Positive supply
1.95
I+
VIN = V+ or GND,
Switch ON or OFF
μA
current
V
Full
0.5
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS5A3159-Q1


Số phần tương tự - TS5A3159-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS5A3159-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com