công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS12A12511DCNR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS12A12511DCNR
Giải thích chi tiết về linh kiện  짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511DCNR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TS12A12511DCNR Datasheet HTML 1Page - Texas Instruments TS12A12511DCNR Datasheet HTML 2Page - Texas Instruments TS12A12511DCNR Datasheet HTML 3Page - Texas Instruments TS12A12511DCNR Datasheet HTML 4Page - Texas Instruments TS12A12511DCNR Datasheet HTML 5Page - Texas Instruments TS12A12511DCNR Datasheet HTML 6Page - Texas Instruments TS12A12511DCNR Datasheet HTML 7Page - Texas Instruments TS12A12511DCNR Datasheet HTML 8Page - Texas Instruments TS12A12511DCNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
Table 1. ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
MSOP
– DGK
Tape and reel
TS12A12511DGKR
2US
–40°C to 85°C
QFN
– DRJ
Tape and reel
TS12A12511DRJR
ZVE
SOT
– DCN
Tape and reel
TS12A12511DCNR
NFH
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TRUTH TABLE
IN
NC TO COM, COM TO NC
NO TO COM, COM TO NO
L
On
Off
H
Off
On
ABSOLUTE MAXIMUM RATINGS
(1)
TA = 25°C (unless otherwise noted).
MIN
MAX
UNIT
V+ to V
13
V
V+ to GND
–0.3
13
V
Vto GND
–6.5
0.3
V
VI/O
Analog inputs
V– 0.5
V + + 0.5
V
IIN
Digital inputs
±30
mA
Peak current
NC, NO, or COM
±100
mA
II/O
Continuous current
NC, NO, or COM
±50
mA
Tstg
Storage temperature range
–65
150
°C
TA
Operating temperature range
–40
85
°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL IMPEDANCE RATINGS
UNIT
DCN package
220
θJA
Package thermal impedance
DGK package
173
°C/W
DRJ package
103
2
Copyright
© 2009–2011, Texas Instruments Incorporated


Số phần tương tự - TS12A12511DCNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A12511DCNR TI-TS12A12511DCNR Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
TS12A12511DCNR TI1-TS12A12511DCNR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS12A12511DCNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511DCNR TI1-TS12A12511DCNR Datasheet
869Kb / 24P
[Old version datasheet]   6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Texas Instruments
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com