công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC121S101 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC121S101
Giải thích chi tiết về linh kiện  ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC121S101 Datasheet HTML 2Page - Texas Instruments ADC121S101 Datasheet HTML 3Page - Texas Instruments ADC121S101 Datasheet HTML 4Page - Texas Instruments ADC121S101 Datasheet HTML 5Page - Texas Instruments ADC121S101 Datasheet HTML 6Page - Texas Instruments ADC121S101 Datasheet HTML 7Page - Texas Instruments ADC121S101 Datasheet HTML 8Page - Texas Instruments ADC121S101 Datasheet HTML 9Page - Texas Instruments ADC121S101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
IOL
200 2A
IOH
200 2A
1.6 V
To Output Pin
CL
25 pF
ADC121S021
SNAS305I – JULY 2005 – REVISED JANUARY 2014
www.ti.com
ADC121S021 Timing Specifications
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 1.0 MHz to 4.0 MHz, CL = 25 pF, fSAMPLE = 50
ksps to 200 ksps, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Parameter
Test Conditions
Typical
Limits
Units
tCS
Minimum CS Pulse Width
10
ns (min)
tSU
CS to SCLK Setup Time
10
ns (min)
tEN
Delay from CS Until SDATA TRI-STATE® Disabled (1)
20
ns (max)
VA = +2.7V to +3.6V
40
ns (max)
tACC
Data Access Time after SCLK Falling Edge (2)
VA = +4.75V to +5.25V
20
ns (max)
tCL
SCLK Low Pulse Width
0.4 x tSCLK
ns (min)
tCH
SCLK High Pulse Width
0.4 x tSCLK
ns (min)
VA = +2.7V to +3.6V
7
ns (min)
tH
SCLK to Data Valid Hold Time
VA = +4.75V to +5.25V
5
ns (min)
25
ns (max)
VA = +2.7V to +3.6V
6
ns (min)
tDIS
SCLK Falling Edge to SDATA High Impedance (3)
25
ns (max)
VA = +4.75V to +5.25V
5
ns (min)
tPOWER-UP
Power-Up Time from Full Power-Down
1
µs
(1)
Measured with the timing test circuit shown in Figure 2 and defined as the time taken by the output signal to cross 1.0V.
(2)
Measured with the timing test circuit shown in Figure 2 and defined as the time taken by the output signal to cross 1.0V or 2.0V.
(3)
tDIS is derived from the time taken by the outputs to change by 0.5V with the timing test circuit shown in Figure 2. The measured number
is then adjusted to remove the effects of charging or discharging the output capacitance. This means that tDIS is the true bus relinquish
time, independent of the bus loading.
TIMING DIAGRAMS
Figure 2. Timing Test Circuit
6
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC121S021


Số phần tương tự - ADC121S101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADC121S101 NSC-ADC121S101 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S101 NSC-ADC121S101 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
More results

Mô tả tương tự - ADC121S101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC121S021CIMF TI1-ADC121S021CIMF Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com