công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8326IDGKTG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADS8326IDGKTG4
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8326IDGKTG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS8326IDGKTG4 Datasheet HTML 1Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 2Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 3Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 4Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 5Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 6Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 7Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 8Page - Texas Instruments ADS8326IDGKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ADS8326
www.ti.com.................................................................................................................................................. SBAS343C – MAY 2007 – REVISED SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS: VDD = +2.7V
At –40°C to +85°C, VREF = +2.5V, –IN = GND, fSAMPLE = 200kHz, and fDCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8326I
ADS8326IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale range
FSR +IN – (–IN)
0
VREF
0
VREF
V
Operating common-mode signal
–0.3
0.5
–0.3
0.5
V
–IN = GND, off
5
5
G
Input resistance
RON
–IN = GND, on
100
150
100
150
Input capacitance
–IN = GND, during sampling
48
48
pF
Input leakage current
–IN = GND
±50
±50
nA
Differential input capacitance
+IN to –IN, during sampling
20
20
pF
FS sinewave, SINAD =
Full-power bandwidth
FSBW
60
60
kHz
–60dB
DC ACCURACY
Resolution
16
16
Bits
No missing codes
NMC
16
16
Bits
Integral linearity error
INL
–3
±2
+3
–2.5
±1
+2.5
LSB
Differential linearity error
DNL
–1
±0.5
+2
–1
±0.4
+1
LSB
Offset error
VOS
–1.5
±0.75
+1.5
–1
±0.5
+1
mV
Offset error drift
TCVOS
±0.2
±0.2
ppm/°C
Gain error
GERR
±33
±16
LSB
Gain error drift
TCGERR
±0.3
±0.3
ppm/°C
Noise
30
30
μVRMS
Power-supply rejection
2.7V
≤ VDD ≤ 3.6V
0.5
0.5
LSB
SAMPLING DYNAMICS
Conversion time
tCONV 24kHz ≤ fDCLOCK ≤ 4.8MHz
3.333
666.7
3.333
666.7
μs
(16 DCLOCKs)
Acquisition time
tAQ fDCLOCK = 4.8MHz
0.9375
0.9375
μs
(4.5 DCLOCKs)
Throughput rate
200
200
kSPS
(22 DCLOCKs)
Clock frequency
fDCLOCK
0.024
4.8
0.024
4.8
MHz
AC ACCURACY
2.5VPP sinewave at 2kHz
–88
–88.5
dB
Total harmonic distortion
THD
2.5VPP sinewave at 10kHz
–75
–75.5
dB
2.5VPP sinewave at 2kHz
91
91.5
dB
Spurious-free dynamic
SFDR
range
2.5VPP sinewave at 10kHz
77.5
78
dB
2.5VPP sinewave at 2kHz
86.5
87
dB
Signal-to-noise ratio
SNR
2.5VPP sinewave at 10kHz
86
86.5
dB
2.5VPP sinewave at 2kHz
85
85.5
dB
Signal-to-noise + distortion
SINAD
2.5VPP sinewave at 10kHz
74.5
75
dB
2.5VPP sinewave at 2kHz
13.86
13.94
Bits
Effective number of bits
ENOB
2.5VPP sinewave at 10kHz
12.12
12.20
Bits
VOLTAGE REFERENCE INPUT
Reference voltage
0.1
VDD
0.1
VDD
V
CS = GND, fSAMPLE = 0Hz
5
5
G
Reference input resistance
CS = VDD
5
5
G
Reference input capacitance
24
24
pF
fS = 200kHz
70
90
70
90
μA
fS = 100kHz
25
33
25
33
μA
Reference input current
fS = 10kHz
5
7
5
7
μA
CS = VDD
0.1
0.1
μA
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8326


Số phần tương tự - ADS8326IDGKTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8326IDGKT BURR-BROWN-ADS8326IDGKT Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
More results

Mô tả tương tự - ADS8326IDGKTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com