công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8326IDGKT bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8326IDGKT
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8326IDGKT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8326IDGKT Datasheet HTML 1Page - Texas Instruments ADS8326IDGKT Datasheet HTML 2Page - Texas Instruments ADS8326IDGKT Datasheet HTML 3Page - Texas Instruments ADS8326IDGKT Datasheet HTML 4Page - Texas Instruments ADS8326IDGKT Datasheet HTML 5Page - Texas Instruments ADS8326IDGKT Datasheet HTML 6Page - Texas Instruments ADS8326IDGKT Datasheet HTML 7Page - Texas Instruments ADS8326IDGKT Datasheet HTML 8Page - Texas Instruments ADS8326IDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ADS8326
www.ti.com.................................................................................................................................................. SBAS343C – MAY 2007 – REVISED SEPTEMBER 2009
DISSIPATION RATINGS
DERATING
FACTOR ABOVE
TA ≤ +25°C
TA = +70°C
TA = +85°C
PACKAGE
R θ JC
R θ JA
TA = +25°C
POWER RATING
POWER RATING
POWER RATING
DGK
+39.1°C/W
+206.3°C/W
4.847mW/°C
606mW
388mW
315mW
DRB
+5°C/W
+45.8°C/W
3.7mW/°C
370mW
204mW
148mW
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, GND to VDD
Low-voltage levels
2.7
3.6
V
Supply voltage, GND to VDD
5V logic levels
4.5
5.0
5.5
V
Reference input voltage
0.1
VDD
V
–IN to GND
–0.3
0
0.5
V
Analog input voltage
+IN to GND
–0.3
VDD + 0.2
V
+IN – (–IN)
0
VREF
V
Operating junction temperature, TJ
–40
+125
°C
ELECTRICAL CHARACTERISTICS: VDD = +5V
At –40°C to +85°C, VREF = +5V, –IN = GND, fSAMPLE = 250kHz, and fDCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8326I
ADS8326IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale range
FSR +IN – (–IN)
0
VREF
0
VREF
V
Operating common-mode signal
–0.3
0.5
–0.3
0.5
V
–IN = GND, off
5
5
G
Input resistance
RON
–IN = GND, on
50
100
50
100
Input capacitance
–IN = GND, during sampling
48
48
pF
Input leakage current
–IN = GND
±50
±50
nA
Differential input capacitance
+IN to –IN, during sampling
20
20
pF
FS sinewave, SINAD =
Full-power bandwidth
FSBW
500
500
kHz
–60dB
DC ACCURACY
Resolution
16
16
Bits
No missing codes
NMC
16
16
Bits
Integral linearity error
INL
–3
±2
+3
–1.5
±1
+1.5
LSB
Differential linearity error
DNL
–1
±0.5
+2
–1
±0.4
+1
LSB
Offset error
VOS
–1.5
±0.75
+1.5
–1
±0.5
+1
mV
Offset error drift
TCVOS
±0.2
±0.2
ppm/°C
Gain error
GERR
–24
+24
–12
+12
LSB
Gain error drift
TCGERR
±0.3
±0.3
ppm/°C
Noise
30
30
μVRMS
Power-supply rejection
4.75V
≤ VDD ≤ 5.25V
0.5
0.5
LSB
SAMPLING DYNAMICS
Conversion time
tCONV 24kHz ≤ fDCLOCK ≤ 6MHz
2.667
666.7
2.667
666.7
μs
(16 DCLOCKs)
Acquisition time
tAQ fDCLOCK = 6MHz
0.75
0.75
μs
(4.5 DCLOCKs)
Throughput rate
250
250
kSPS
(22 DCLOCKs)
Clock frequency
fDCLOCK
0.024
6
0.024
6
MHz
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8326


Số phần tương tự - ADS8326IDGKT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8326IDGKT BURR-BROWN-ADS8326IDGKT Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
More results

Mô tả tương tự - ADS8326IDGKT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com