công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8548SRGCT bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8548SRGCT
Giải thích chi tiết về linh kiện  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8548SRGCT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS8548SRGCT Datasheet HTML 1Page - Texas Instruments ADS8548SRGCT Datasheet HTML 2Page - Texas Instruments ADS8548SRGCT Datasheet HTML 3Page - Texas Instruments ADS8548SRGCT Datasheet HTML 4Page - Texas Instruments ADS8548SRGCT Datasheet HTML 5Page - Texas Instruments ADS8548SRGCT Datasheet HTML 6Page - Texas Instruments ADS8548SRGCT Datasheet HTML 7Page - Texas Instruments ADS8548SRGCT Datasheet HTML 8Page - Texas Instruments ADS8548SRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ADS8528
ADS8548
ADS8568
www.ti.com
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS: ADS8568
All minimum/maximum specifications are at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5V (internal),
VIN = ±10V, and fDATA = max, unless otherwise noted. Typical values are at TA = +25°C, HVDD = 15V, HVSS = –15V,
AVDD = 5V, and DVDD = 3.3V.
ADS8568
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SAMPLING DYNAMICS
Conversion time
Internal conversion clock
1.7
μs
Serial interface, all four SDOx active
400
kSPS
Throughput rate
fDATA
Parallel interface
510
kSPS
DC ACCURACY
Resolution
16
Bits
No missing codes
16
Bits
At TA = –40°C to +85°C, QFN package (RGC)
–3
±1.5
3
LSB
At TA = –40°C to +125°C, QFN package (RGC)
–4
±1.5
4
LSB
Integral linearity error(1)
INL
At TA = –40°C to +85°C, LQFP package (PM)
–4
±1.5
4
LSB
At TA = –40°C to +125°C, LQFP package (PM)
–4.5
±1.5
4.5
LSB
At TA = –40°C to +85°C
–1
±0.75
1.75
LSB
Differential linearity error
DNL
At TA = –40°C to +125°C
–1
±0.75
2
LSB
Offset error
–1.5
±0.5
1.5
mV
Offset error matching
–0.65
0.65
mV
Offset error drift
±3.5
μV/°C
Gain error
Referenced to voltage at REFIO
–0.5
±0.25
0.5
%
Between channels of any pair
–0.2
0.2
%
Gain error matching
Between any two channels
–0.4
0.4
%
Gain error drift
Referenced to voltage at REFIO
±6
ppm/
°C
AC ACCURACY
At fIN = 10kHz, TA = –40°C to +85°C
90
91.5
dB
Signal-to-noise ratio
SNR
At fIN = 10kHz, TA = –40°C to +125°C
89
91.5
dB
At fIN = 10kHz, TA = –40°C to +85°C
87
90
dB
Signal-to-noise ratio + distortion
SINAD
At fIN = 10kHz, TA = –40°C to +125°C
86.5
90
dB
At fIN = 10kHz, TA = –40°C to +85°C
–94
–90
dB
Total harmonic distortion(2)
THD
At fIN = 10kHz, TA = –40°C to +125°C
–94
–89.5
dB
At fIN = 10kHz, TA = –40°C to +85°C
90
95
dB
Spurious-free dynamic range
SFDR
At fIN = 10kHz, TA = –40°C to +125°C
89.5
95
dB
Channel-to-channel isolation
At fIN = 10kHz
120
dB
In 4VREF mode
48
MHz
–3dB small-signal bandwidth
BW
In 2VREF mode
24
MHz
(1)
Integral nonlinearity is defined as the maximum deviation from a straight line passing through the end-points of the ideal ADC transfer
function expressed as the number of LSBs or percentage of the specified full-scale range.
(2)
Calculated on the first nine harmonics of the input frequency.
Copyright
© 2011, Texas Instruments Incorporated
5
Product Folder Link(s): ADS8528 ADS8548 ADS8568


Số phần tương tự - ADS8548SRGCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8548SRGCT TI1-ADS8548SRGCT Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8548SRGCT TI1-ADS8548SRGCT Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Mô tả tương tự - ADS8548SRGCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com