công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8326 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8326
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8326 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8326 Datasheet HTML 1Page - Texas Instruments ADS8326 Datasheet HTML 2Page - Texas Instruments ADS8326 Datasheet HTML 3Page - Texas Instruments ADS8326 Datasheet HTML 4Page - Texas Instruments ADS8326 Datasheet HTML 5Page - Texas Instruments ADS8326 Datasheet HTML 6Page - Texas Instruments ADS8326 Datasheet HTML 7Page - Texas Instruments ADS8326 Datasheet HTML 8Page - Texas Instruments ADS8326 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SAR
Serial
Interface
Comparator
ADS8326
S/HAmp
DCLOCK
D
OUT
CS/SHDN
+IN
REF
-IN
CDAC
ADS8326
www.ti.com.................................................................................................................................................. SBAS343C – MAY 2007 – REVISED SEPTEMBER 2009
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8326
1
FEATURES
APPLICATIONS
Battery-Operated Systems
23
16 Bits No Missing Codes (Full-Supply Range,
High or Low Grade)
Remote Data Acquisition
Isolated Data Acquisition
Very Low Noise: 3LSBPP
Simultaneous Sampling, Multichannel
Excellent Linearity:
Systems
±1LSB typ, ±1.5LSB max INL
Industrial Controls
±0.6LSB typ, ±1LSB max DNL
±1mV max Offset
Robotics
±12LSB typ Gain Error
Vibration Analysis
microPower:
DESCRIPTION
10mW at 5V, 250kHz
4mW at 2.7V, 200kHz
The ADS8326 is a 16-bit, sampling, analog-to-digital
2mW at 2.7V, 100kHz
(A/D) converter specified for a supply voltage range
0.2mW at 2.7V, 10kHz
from 2.7V to 5.5V. It requires very little power, even
when operating at the full data rate. At lower data
MSOP-8 and SON-8 Packages
rates, the high speed of the device enables it to
(SON-8 package same as 3x3 QFN)
spend most of its time in the power-down mode. For
16-Bit Upgrade to the 12-Bit ADS7816 and
example, the average power dissipation is less than
ADS7822
0.2mW at a 10kHz data rate.
Pin-Compatible with the ADS7816, ADS7822,
The ADS8326 offers excellent linearity and very low
ADS7826, ADS7827, ADS7829, ADS8320, and
noise and distortion. It also features a synchronous
ADS8325
serial (SPI/SSI-compatible) interface and a differential
Serial ( SPI™/SSI) Interface
input. The reference voltage can be set to any level
within the range of 0.1V to VDD.
Low power and small size make the ADS8326 ideal
for portable and battery-operated systems. It is also a
perfect
fit
for
remote
data-acquisition
modules,
simultaneous multichannel systems, and isolated
data acquisition. The ADS8326 is available in either
an MSOP-8 and an SON-8 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8326

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ADS8326I BURR-BROWN-ADS8326I Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ADS8326IB BURR-BROWN-ADS8326IB Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ADS8326IBDGKR BURR-BROWN-ADS8326IBDGKR Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
ADS8326IBDGKT BURR-BROWN-ADS8326IBDGKT Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
More results

Mô tả tương tự - ADS8326

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com