công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8555SPMR bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8555SPMR
Giải thích chi tiết về linh kiện  16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555SPMR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS8555SPMR Datasheet HTML 6Page - Texas Instruments ADS8555SPMR Datasheet HTML 7Page - Texas Instruments ADS8555SPMR Datasheet HTML 8Page - Texas Instruments ADS8555SPMR Datasheet HTML 9Page - Texas Instruments ADS8555SPMR Datasheet HTML 10Page - Texas Instruments ADS8555SPMR Datasheet HTML 11Page - Texas Instruments ADS8555SPMR Datasheet HTML 12Page - Texas Instruments ADS8555SPMR Datasheet HTML 13Page - Texas Instruments ADS8555SPMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CONVST_x
BUSY
(C20=C21=0)
FS
SCLK
ADS8556
SDO_x
t
D1
t
2
t
D2
t
H2
t
D4
t
1
SDIor
DCIN_x
t
S1
t
H1
Don’tCare
Don’t
Care
t
SCLK
1
32
CH_x0
MSB
t
D3
CH_x1
LSB
CH_x1
D1
CH_x1
D2
CH_x1
D3
D31
D0
D1
D2
D3
t
CONV
t
ACQ
t
3
t
S3
XCLK
(C11=1)
t
S3
ADS8555
SBAS531B
– DECEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
TIMING CHARACTERISTICS
Figure 1. Serial Operation Timing Diagram (All Three SDOs Active)
SERIAL INTERFACE TIMING REQUIREMENTS
(1)
Over recommended operating free-air temperature range at
–40°C to +125°C, AVDD = 5V, and BVDD = 2.7V to 5.5V, unless
otherwise noted.
ADS8555
PARAMETER
MIN
MAX
UNIT
tACQ
Acquisition time
280
ns
tCONV
Conversion time
1.26
µs
t1
CONVST_x low time
20
ns
t2
BUSY low to FS low time
0
ns
t3
Bus access finished to next conversion start time
40
ns
tD1
CONVST_x high to BUSY high delay
5
20
ns
tD2
FS low to SDO_x active delay
5
12
ns
tD3
SCLK rising edge to new data valid delay
15
ns
tD4
FS high to SDO_x 3-state delay
10
ns
tH1
Input data to SCLK falling edge hold time
5
ns
tH2
Output data to SCLK rising edge hold time
5
ns
tS1
Input data to SCLK falling edge setup time
3
ns
tS3
CONVST_x high to XCLK falling or rising edge setup time
6
ns
tSCLK
Serial clock period
0.0278
10
μs
(1)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
10
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8555


Số phần tương tự - ADS8555SPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8555SPMR TI1-ADS8555SPMR Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPMR TI1-ADS8555SPMR Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8555SPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com