công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8555SPMR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8555SPMR
Giải thích chi tiết về linh kiện  16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555SPMR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8555SPMR Datasheet HTML 1Page - Texas Instruments ADS8555SPMR Datasheet HTML 2Page - Texas Instruments ADS8555SPMR Datasheet HTML 3Page - Texas Instruments ADS8555SPMR Datasheet HTML 4Page - Texas Instruments ADS8555SPMR Datasheet HTML 5Page - Texas Instruments ADS8555SPMR Datasheet HTML 6Page - Texas Instruments ADS8555SPMR Datasheet HTML 7Page - Texas Instruments ADS8555SPMR Datasheet HTML 8Page - Texas Instruments ADS8555SPMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADS8555
SBAS531B
– DECEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range of
–40°C to +125°C, AVDD = 4.5V to 5.5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS =
–15V to –10V, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
ADS8555
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
ANALOG INPUT
RANGE pin/RANGE bit = 0
–4 × VREF
4
× VREF
V
Bipolar full-scale range
CHXX
RANGE pin/RANGE bit = 1
–2 × VREF
2
× VREF
V
Input range =
±4 × VREF
10
pF
Input capacitance
Input range =
±2 × VREF
20
pF
Input leakage current
No ongoing conversion
±1
μA
Aperture delay
5
ns
Aperture delay matching
Common CONVST for all channels
250
ps
Aperture jitter
50
ps
EXTERNAL CLOCK INPUT (XCLK)
External clock frequency
fXCLK An external reference must be used for fXCLK > fCCLK
1
18
20
MHz
External clock duty cycle
45
55
%
REFERENCE VOLTAGE OUTPUT (REFOUT)
2.5V operation, REFDAC = 0x3FF
2.485
2.5
2.515
V
2.5V operation, REFDAC = 0x3FF at +25
°C
2.496
2.5
2.504
V
Reference voltage
VREF
3.0V operation, REFDAC = 0x3FF
2.985
3.0
3.015
V
3.0V operation, REFDAC = 0x3FF at +25
°C
2.995
3.0
3.005
V
Reference voltage drift
dVREF/dT
±10
ppm/
°C
Power-supply rejection ratio
PSRR
73
dB
Output current
IREFOUT DC current
–2
2
mA
Short-circuit current(3)
IREFSC
50
mA
Turn-on settling time
tREFON
10
ms
At CREF_x pins
4.7
10
μF
External load capacitance
At REFIO pins
100
470
nF
Tuning range
REFDAC Internal reference output voltage range
0.2
× VREF
VREF
V
REFDAC resolution
10
Bits
REFDAC differential nonlinearity
DNLDAC
–1
±0.1
1
LSB
REFDAC integral nonlinearity
INLDAC
–2
±0.1
2
LSB
REFDAC offset error
VOSDAC VREF = 0.5V (DAC = 0x0CC)
–4
±0.65
4
LSB
REFERENCE VOLTAGE INPUT (REFIN)
Reference input voltage
VREFIN
0.5
2.5
3.025
V
Input resistance
100
M
Input capacitance
5
pF
Reference input current
1
μA
SERIAL CLOCK INPUT (SCLK)
Serial clock input frequency
fSCLK
0.1
36
MHz
Serial clock period
tSCLK
0.0278
10
μs
Serial clock duty cycle
40
60
%
DIGITAL INPUTS(4)
Logic family
CMOS with Schmitt-Trigger
High-level input voltage
0.7
× BVDD
BVDD + 0.3
V
Low-level input voltage
BGND
– 0.3
0.3
× BVDD
V
Input current
VI = BVDD to BGND
–50
+50
nA
Input capacitance
5
pF
(3)
Reference output current is not limited internally.
(4)
Specified by design.
4
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8555


Số phần tương tự - ADS8555SPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8555SPMR TI1-ADS8555SPMR Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPMR TI1-ADS8555SPMR Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8555SPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com