công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8528 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS8528
Giải thích chi tiết về linh kiện  12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8528 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8528_14 Datasheet HTML 7Page - Texas Instruments ADS8528_14 Datasheet HTML 8Page - Texas Instruments ADS8528_14 Datasheet HTML 9Page - Texas Instruments ADS8528_14 Datasheet HTML 10Page - Texas Instruments ADS8528_14 Datasheet HTML 11Page - Texas Instruments ADS8528_14 Datasheet HTML 12Page - Texas Instruments ADS8528_14 Datasheet HTML 13Page - Texas Instruments ADS8528_14 Datasheet HTML 14Page - Texas Instruments ADS8528_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
CONVST_x
BUSY
(C27=C26=0)
CS
DB[15:0]
t
DCVB
t
CONV
t
BUCS
t
CSCV
t
CVL
RD
t
CSRD
CH
A0
CH
A1
CH
B0
CH
B1
CH
C0
CH
C1
t
RDCS
t
PDDO
t
RDL
t
HDO
t
RDH
CH
D0
CH
D1
t
DTRI
t
ACQ
ADS8528
ADS8548
ADS8568
www.ti.com
SBAS543A
– AUGUST 2011 – REVISED OCTOBER 2011
Figure 2. Parallel Read Access Timing Diagram
Table 2. Parallel Interface Timing Requirements (Read Access)(1)(2)
ADS8528, ADS8548, ADS8568
TEST
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
tCVL
CONVST_x low time
20
ns
tACQ
Acquisition time
280
ns
19
20 tCCLK or tXCLK
ADS8528,
1.33
µs
CLKSEL = 0
tCONV
Conversion time
ADS8548,
1.45
µs
CLKSEL = 0
ADS8568,
1.7
µs
CLKSEL = 0
tDCVB
CONVST_x high to BUSY high delay
25
ns
tBUCS
BUSY low to CS low time
0
ns
ADS8528
0
ns
Bus access finished to next conversion
tCSCV
ADS8548
20
ns
start time(3)
ADS8568
40
ns
tCSRD
CS low to RD low time
0
ns
tRDCS
RD high to CS high time
0
ns
tRDL
RD pulse width
20
ns
tRDH
Minimum time between two read accesses
2
ns
RD or CS falling edge to data valid propagation
tPDDO
15
ns
delay
tHDO
Output data to RD or CS rising edge hold time
5
ns
tDTRI
CS high to DB[15:0] three-state delay
10
ns
(1)
Over recommended operating free-air temperature range TA, AVDD = 5V, and DVDD = 2.7V to 5.5V, unless otherwise noted.
(2)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of DVDD) and timed from a voltage level of (VIL + VIH)/2.
(3)
Refer to CS signal or RD, whichever occurs first.
Copyright
© 2011, Texas Instruments Incorporated
11
Product Folder Link(s): ADS8528 ADS8548 ADS8568


Số phần tương tự - ADS8528_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
ADS8528SPM TI1-ADS8528SPM Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SPM TI1-ADS8528SPM Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
ADS8528SPMR TI1-ADS8528SPMR Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528SPMR TI1-ADS8528SPMR Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results

Mô tả tương tự - ADS8528_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI1-ADS8364_16 Datasheet
959Kb / 27P
[Old version datasheet]   250kSPS, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8350 TI1-ADS8350_14 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com