công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8634SRGER bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8634SRGER
Giải thích chi tiết về linh kiện  12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8634SRGER bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8634SRGER Datasheet HTML 1Page - Texas Instruments ADS8634SRGER Datasheet HTML 2Page - Texas Instruments ADS8634SRGER Datasheet HTML 3Page - Texas Instruments ADS8634SRGER Datasheet HTML 4Page - Texas Instruments ADS8634SRGER Datasheet HTML 5Page - Texas Instruments ADS8634SRGER Datasheet HTML 6Page - Texas Instruments ADS8634SRGER Datasheet HTML 7Page - Texas Instruments ADS8634SRGER Datasheet HTML 8Page - Texas Instruments ADS8634SRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
ADS8634
ADS8638
www.ti.com
SBAS541A
– MAY 2011 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS: ADS8634, ADS8638
Minimum/maximum specifications at TA = –40°C to +125°C, fSAMPLE = 1MSPS, HVDD = 10V to 15V, HVSS = –10V to –15V,
AVDD = 4.75V to 5.25V, DVDD = 2.7V to 3.6V, and VREF = 2.5V, unless otherwise noted. Typical specifications at +25°C,
fSAMPLE = 1MHz, HVDD = 10V, HVSS = –10V, AVDD = 3.3V, DVDD = 3.3V, and VREF = 2.5V, unless otherwise noted.
ADS8634, ADS8638
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
±2.5
V
Bipolar ranges, VREF = 2.5V
±5
V
Full-scale input span(1)
±10
V
0 to 5
V
Unipolar ranges, VREF = 2.5V
0 to 10
V
AINx absolute input range
HVSS
HVDD
V
AINGND absolute input range
–0.2
0.2
V
Input capacitance
8
pF
Input leakage current
At +125
°C
200
nA
SYSTEM PERFORMANCE
Resolution
12
Bits
No missing codes
12
Bits
Integral linearity
–1.5
+0.9/
–0.9
1.5
LSB(2)
Differential linearity
–1.0
+0.9/
–0.5
1.6
LSB
Offset error(3)
–3
±0.8
3
LSB
ppmFS/
°C(
Offset error drift
0.75
4)
Gain error(5)
–8
±2
8
LSB
Gain error drift
1.2
ppm/
°C
Noise
0.33
LSB
At FFCh output code with
Power-supply rejection
–87
dB
250mVPP and 480Hz ripple on AVDD
Crosstalk on channel 0 with channel 0 permanently selected,
Isolation
2kHz full-scale sine wave on channel 1, all other channels
–110
dB
crosstalk
grounded
Crosstalk
Crosstalk on channel 0, 2kHz full-scale sine wave on channel 1,
Memory crosstalk all other channels grounded, device scans channel 0 and
–81
dB
channel 1 alternately
SAMPLING DYNAMICS
Conversion time
At 20MHz SCLK, DVDD = 2.7V to 5.25V
750
ns
Acquisition time
AVDD = 2.7V to 5.25V
250
ns
Maximum throughput rate
At 20MHz SCLK, DVDD = 2.7V to 5.25V
1
1
MSPS
Aperture delay
13
ns
Step response
250
ns
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured relative to an ideal full-scale input.
(4)
ppmFS/
°C is drift measured in parts per million of full-scale range per degree centigrade.
(5)
Does not include reference drift.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8634 ADS8638


Số phần tương tự - ADS8634SRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8634SRGER TI1-ADS8634SRGER Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
More results

Mô tả tương tự - ADS8634SRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
[Old version datasheet]   12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
Kingbright Corporation
HFT012 KINGBRIGHT-HFT012 Datasheet
684Kb / 13P
   12-bit SAR type Analog-to-Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com