công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A44159 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
TS3A44159 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 32 page ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (1) TS3A44159 SCDS225A – MARCH 2007 – REVISED JUNE 2008 ......................................................................................................................................................... www.ti.com V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, 0 V+ V range VNO, VNC 25°C 0.45 0.6 ON-state VNO or VNC = 1.8 V, Switch ON, ron 2.3 V Ω resistance ICOM = –100 mA, See Figure 16 Full 0.7 ON-state 25°C 0.045 0.07 resistance match VNO or VNC = 1.8 V, 0.8 V, Switch ON, Δron 2.3 V Ω between ICOM = –100 mA, See Figure 16 Full 0.1 channels ON-state 25°C 0.06 0.15 VNO or VNC = 1.8 V, 0.8 V Switch ON, resistance ron(flat) 2.3 V Ω ICOM = –100 mA, See Figure 16 Full 0.2 flatness VNO or VNC = 0.3 V, 25°C –10 0.5 10 NC, NO VCOM = 2.3 V, INO(OFF), OFF leakage or See Figure 17 2.7 V nA INC(OFF) Full –20 20 current VNO or VNC = 2.3 V, VCOM = 0.3V, VNO or VNC = 0.3 V, 25°C –10 0.1 10 NC, NO VCOM = Open, INO(ON), ON leakage or See Figure 18 2.7 V nA INC(ON) Full –20 20 current VNO or VNC = 2.3 V, VCOM = Open, VNO or VNC = Open, 25°C –10 0.1 10 COM VCOM = 0.3 V, ON leakage ICOM(ON) or See Figure 18 2.7 V nA Full –20 20 current VNO or VNC = Open, VCOM = 2.3 V, Digital Control Inputs (IN1-2, IN3-4)(2) Input logic high VIH Full 1.2 4.3 V Input logic low VIL Full 0 0.6 V 25°C 0.5 10 Input leakage IIH, IIL VIN = 3.6 V or 0 2.7 V nA current Full 50 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 8 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TS3A44159 |
Số phần tương tự - TS3A44159 |
|
Mô tả tương tự - TS3A44159 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |