công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV-1515 bảng dữ liệu(PDF) 4 Page - Altech corporation

tên linh kiện MV-1515
Giải thích chi tiết về linh kiện  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTECH [Altech corporation]
Trang chủ  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MV-1515 bảng dữ liệu(HTML) 4 Page - Altech corporation

  MV-1515 Datasheet HTML 1Page - Altech corporation MV-1515 Datasheet HTML 2Page - Altech corporation MV-1515 Datasheet HTML 3Page - Altech corporation MV-1515 Datasheet HTML 4Page - Altech corporation MV-1515 Datasheet HTML 5Page - Altech corporation MV-1515 Datasheet HTML 6Page - Altech corporation MV-1515 Datasheet HTML 7Page - Altech corporation MV-1515 Datasheet HTML 8Page - Altech corporation MV-1515 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
7
A
C
L
G
K
I
H
J
D
B
P/2
E
M
P
F
O
B
K
P
C
G
L
D
H
M
P/2
A
O
I
J
A
10.20 mm
B
10.00 mm
C
8.60 mm
D
4.40 mm
E
4.80 mm
F
2.70 mm
G
4.30 mm
H
5.50 mm
I
2.60 mm
J
2.00 mm
K
Ø3.20 mm
L
1.10 mm
M
0.70 mm
N–
O
1.40 mm
P
5.00 mm
A
13.50 mm
B
10.00 mm
C
8.30 mm
D
4.30 mm
E–
F–
G
4.10 mm
H
8.10 mm
I
2.60 mm
J
2.00 mm
K
Ø3.40 mm
L
1.10 mm
M
0.70 mm
N–
O
1.70 mm
P
5.00 mm
Dimensions
Dimensions
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MBE-152
10.0
3
MBE-153
15.0
4
MBE-154
20.0
5
MBE-155
25.0
6
MBE-156
30.0
7
MBE-157
35.0
8
MBE-158
40.0
9
MBE-159
45.0
10
MBE-1510
50.0
11
MBE-1511
55.0
12
MBE-1512
60.0
13
MBE-1513
65.0
14
MBE-1514
70.0
15
MBE-1515
75.0
16
MBE-1516
80.0
17
MBE-1517
85.0
18
MBE-1518
90.0
19
MBE-1519
95.0
20
MBE-1520
100.0
21
MBE-1521
105.0
22
MBE-1522
110.0
23
MBE-1523
115.0
24
MBE-1524
120.0
Pin Spacing: 5.00mm
Orientation: Vertical
Clamp Type: Box with
Wire Protector
Design:
Modular
MBE-15
ELECTRICAL
Current
Voltage
Wire Range
10A
300V
30-16AWG
17.5A
450V
1.5mm2 Stranded
2.5mm2 Solid
INSTALLATION
DATA
Screw Size
M2.5
PCB Hole Size 1.5mm
Torque
0.4Nm
Stripping Lgth. 6.8mm
(3.6 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Wire Protector Tin-Plated
125˚C IEC
Bronze
Color
Green
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MVE-152
10.0
3
MVE-153
15.0
4
MVE-154
20.0
5
MVE-155
25.0
6
MVE-156
30.0
7
MVE-157
35.0
8
MVE-158
40.0
9
MVE-159
45.0
10
MVE-1510
50.0
11
MVE-1511
55.0
12
MVE-1512
60.0
13
MVE-1513
65.0
14
MVE-1514
70.0
15
MVE-1515
75.0
16
MVE-1516
80.0
17
MVE-1517
85.0
18
MVE-1518
90.0
19
MVE-1519
95.0
20
MVE-1520
100.0
21
MVE-1521
105.0
22
MVE-1522
110.0
23
MVE-1523
115.0
24
MVE-1524
120.0
MVE-15
ELECTRICAL
Current
Voltage
Wire Range
10A
300V
30-16AWG
17.5A
450V
1.5mm2 Stranded
2.5mm2 Solid
INSTALLATION
DATA
Screw Size
M2.5
PCB Hole Size 1.5mm
Torque
0.4Nm
Stripping Lgth. 7.1mm
(3.6 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Wire Protector Tin-Plated
125˚C IEC
Bronze
Color
Green
Pin Spacing: 5.00mm
Orientation: Vertical
Clamp Type: Box with
Wire Protector
Design:
Modular
Fixed PCB Blocks
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20


Số phần tương tự - MV-1515

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-101101-1.3-8A MACOM-MV-101101-1.3-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101165-0.85-8A MACOM-MV-101165-0.85-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101508-2.5-8A MACOM-MV-101508-2.5-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Mô tả tương tự - MV-1515

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com