công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV-156 bảng dữ liệu(PDF) 6 Page - Altech corporation

tên linh kiện MV-156
Giải thích chi tiết về linh kiện  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTECH [Altech corporation]
Trang chủ  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MV-156 bảng dữ liệu(HTML) 6 Page - Altech corporation

Back Button MV-156 Datasheet HTML 2Page - Altech corporation MV-156 Datasheet HTML 3Page - Altech corporation MV-156 Datasheet HTML 4Page - Altech corporation MV-156 Datasheet HTML 5Page - Altech corporation MV-156 Datasheet HTML 6Page - Altech corporation MV-156 Datasheet HTML 7Page - Altech corporation MV-156 Datasheet HTML 8Page - Altech corporation MV-156 Datasheet HTML 9Page - Altech corporation MV-156 Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
9
Dimensions
A 16.80 mm
B 10.00 mm
C 8.90 mm
D 4.35 mm
E–
F–
G 4.50 mm
H 10.80 mm
I
2.80 mm
J
2.80 mm
K Ø3.80 mm
L
0.70 mm
M 0.90 mm
N–
O 4.60 mm
P 5.00 mm
L
P/2
A
J
O
P/2
M
H
G
P
B
I
D
K
C
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
ELECTRICAL
Current
Voltage
Wire Range
15A"
300V
30-14AWG
16A
450V
2.5mm2 Stranded
4.0mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size 1.3mm
Torque
0.5Nm
Stripping Lgth. 7.1mm
(4.5 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
ELECTRICAL
Current
Voltage
Wire Range
16A
250V
22-16AWG
INSTALLATION
DATA
Screw Size
M2.6
PCB Hole Size 1.3mm
Torque
0.4Nm
Stripping Lgth. 5.6mm
(3.6 lbf-in.)
MATERIAL
Body Glass-Filled Polyester
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
130˚C UL
Wire Protector CuSn6
125˚C IEC
Color
Black
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MVE-252
10.0
3
MVE-253
15.0
4
MVE-254
20.0
5
MVE-255
25.0
6
MVE-256
30.0
7
MVE-257
35.0
8
MVE-258
40.0
9
MVE-259
45.0
10
MVE-2510
50.0
11
MVE-2511
55.0
12
MVE-2512
60.0
13
MVE-2513
65.0
14
MVE-2514
70.0
15
MVE-2515
75.0
16
MVE-2516
80.0
17
MVE-2517
85.0
18
MVE-2518
90.0
19
MVE-2519
95.0
20
MVE-2520
100.0
21
MVE-2521
105.0
22
MVE-2522
110.0
23
MVE-2523
115.0
24
MVE-2524
120.0
MVE-25
Pin Spacing: 5.00mm
Orientation: Vertical
Clamp Type: Screw Cage
Design:
Modular
Dimensions
H
J
A
B
D
G
C
K
M
P/2
P
O
A 10.00 mm
B 10.00 mm
C 7.50 mm
D 2.70 mm
E–
F–
G 3.70 mm
H 7.10 mm
I–
J
Ø2.60 mm
K Ø3.50 mm
L–
M Ø1.00 mm
N–
O 1.40 mm
P
5.00 mm
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MHE-132
10.0
3
MHE-133
15.0
4
MHE-134
20.0
5
MHE-135
25.0
6
MHE-136
30.0
7
MHE-137
35.0
8
MHE-138
40.0
9
MHE-139
45.0
10
MHE-1310
50.0
11
MHE-1311
55.0
12
MHE-1312
60.0
13
MHE-1313
65.0
14
MHE-1314
70.0
15
MHE-1315
75.0
16
MHE-1316
80.0
17
MHE-1317
85.0
18
MHE-1318
90.0
19
MHE-1319
95.0
20
MHE-1320
100.0
21
MHE-1321
105.0
22
MHE-1322
110.0
23
MHE-1323
115.0
24
MHE-1324
120.0
Pin Spacing: 5.00mm
Orientation: Horizontal
Clamp Type: Tubular Screw with
Wire Protector
Design:
Modular
MHE-13
" 16A Factory Wiring - UL
Fixed PCB Blocks
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20


Số phần tương tự - MV-156

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-101101-1.3-8A MACOM-MV-101101-1.3-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101165-0.85-8A MACOM-MV-101165-0.85-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101508-2.5-8A MACOM-MV-101508-2.5-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Mô tả tương tự - MV-156

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com