công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM2A312CV2 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện SM2A312CV2
Giải thích chi tiết về linh kiện  Self-contained AC-operated Convergent Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SM2A312CV2 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  SM2A312CV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2A312CV2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
page
5
MINI-BEAM
® Sensors SM2A312CV and SM2A312CV2
MINI-BEAM MODIFICATIONS
Description
All MINI-BEAM sensors may be ordered with an integral 9 m (30 ft)
cable in place of the standard 2 m (6.5 ft) cable
Model Suffix
Modification
Example of Model
Number
W/30
9 meter (30 ft) cable
SM2A312CV W/30
All MINI-BEAMs may be built
with a 150 mm (6 in) long
integral cable which is
terminated with the
appropriate QD connector.
QDP
Pigtail Quick
Disconnect
SM2A312CVQDP
Replacement Lens Assemblies
MINI-BEAM lens assemblies are field-replaceable.
Model
Description
UC-300C.7
UC-300C2
Replacement lens for CV
Replacement lens for CV2
Micro-Style Quick Disconnect Cables
38 mm max.
(1.5 in)
1/2-20UNF-2B
ø15 mm
(0.6 in)
38 mm max.
(1.5 in)
Cable: PVC jacket, polyurethane connector body, nickel-plated brass coupling nut
Conductors: 22 or 20 AWG high-flex stranded, PVC insulation, gold-plated contacts
Temperature: -40 to +80°C (-40 to +176°F)
Voltage Rating: 250V ac/300V dc (3-pin), 125V ac/150V dc (4-pin)
3-Pin
Straight
MQDC-306
MQDC-315
MQDC-330
2 m (6.5 ft)
5 m (15 ft)
9 m (30 ft)
ø1/2-20UNF-2B
ø15 mm
(0.6 in)
44 mm max.
(1.7 in)
Style
3-Pin
Right-angle
MQDC-306RA
MQDC-315RA
MQDC-330RA
2 m (6.5 ft)
5 m (15 ft)
9 m (30 ft)
Green Wire
Red/Black
Wire
Red/White
Wire
Model
Length
Dimensions
Pin-out


Số phần tương tự - SM2A312CV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Banner Engineering Corp...
SM2A312CV2 BANNER-SM2A312CV2 Datasheet
549Kb / 8P
   AC Voltage Series Sensor
More results

Mô tả tương tự - SM2A312CV2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com