công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A22362YZPR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
TS5A22362YZPR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 32 page TS5A22362, TS5A22364 SCDS261E – MARCH 2008 – REVISED MAY 2013 www.ti.com Table 1. INPUT/OUTPUT SIGNAL SWING MINIMUM MAXIMUM SUPPLY VOLTAGE, V+ (VNC, VNO, VCOM) = V+ – 5.5 (VNC, VNO, VCOM) = V+ 5.5 V 0 V 5.5 V 4.2 V –1.3 V 4.2 V 3.3 V –2.2 V 3.3 V 3 V –2.5 V 3 V 2.5 V –3 V 2.5 V ABSOLUTE MINIMUM AND MAXIMUM RATINGS (1) (2) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) –0.5 6 V VNC VNO Analog voltage range(3) (4) (5) V+ – 6 V+ + 0.5 V VCOM VNC, VNO, VCOM < 0 II/OK Analog port diode current or –50 50 mA VNC, VNO, VCOM > V+ INC ON-state switch current –150 150 INO VNC, VNO, VCOM = 0 to V+ mA ON-state peak switch current(6) –300 300 ICOM INC (3) (7) (8) ON-state switch current –350 350 INO (3) (7) (8) VNC, VNO, VCOM = 0 to V+ mA ON-state peak switch current(6) –500 500 ICOM (3) (7) (8) VI Digital input voltage range –0.5 6.5 V IIK Digital input clamp current(3)(4) VI < 0 –50 50 mA I+ Continuous current through V+or GND –100 100 mA IGND Tstg Storage temperature range –65 150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) This value is limited to 5.5 V maximum. (6) Pulse at 1-ms duration <10% duty cycle. (7) V+ = 3.0 V to 5.0 V, TA = –40°C to 85°C. (8) For YZP package only. THERMAL IMPEDANCE RATINGS UNIT DGS package 56.5 θJA Package thermal impedance(1) DRC package 165.36 °C/W YZP package 93 (1) The package thermal impedance is calculated in accordance with JESD 51-7. 4 Submit Documentation Feedback Copyright © 2008–2013, Texas Instruments Incorporated Product Folder Links: TS5A22362 TS5A22364 |
Số phần tương tự - TS5A22362YZPR |
|
Mô tả tương tự - TS5A22362YZPR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |