công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A22364 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A22364
Giải thích chi tiết về linh kiện  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22364 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TS5A22364 Datasheet HTML 2Page - Texas Instruments TS5A22364 Datasheet HTML 3Page - Texas Instruments TS5A22364 Datasheet HTML 4Page - Texas Instruments TS5A22364 Datasheet HTML 5Page - Texas Instruments TS5A22364 Datasheet HTML 6Page - Texas Instruments TS5A22364 Datasheet HTML 7Page - Texas Instruments TS5A22364 Datasheet HTML 8Page - Texas Instruments TS5A22364 Datasheet HTML 9Page - Texas Instruments TS5A22364 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TS5A22362, TS5A22364
SCDS261E – MARCH 2008 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
(continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
44
80
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 300 Ω,
See Figure 20
Full
80
2.7 V
25°C
2.5 V
22
70
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 300 Ω,
See Figure 20
Full
70
2.7 V
Break-before-
See Figure 21 for TS5A22362
tBBM
25°C
2.5 V
1
7
ns
make time
See Figure 22 for TS5A22364
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
150
pC
RGEN = 0,
See Figure 26
NC, NO
OFF capacitance
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 19
25°C
2.5 V
70
pF
(TS5A22362
CNO(OFF)
only)
NC, NO, COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 19
25°C
2.5 V
370
pF
ON capacitance
Switch ON, f = 10 MHz
Digital input
CI
VI = V+ or GND
See Figure 19
25°C
2.5 V
2.6
pF
capacitance
Bandwidth
BW
RL = 50 Ω, –3 dB
See Figure 21
25°C
2.5 V
17
MHz
f = 100 kHz,
OFF isolation
OISO
RL = 50 Ω
25°C
2.5 V
–66
dB
See Figure 24
f = 100 kHz,
Crosstalk
XTALK
RL = 50 Ω
25°C
2.5 V
–75
dB
See Figure 25
f = 20 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25°C
2.5 V
0.01
%
distortion
CL = 15 pF,
See Figure 27
Supply
25°C
0.2
1.1
Positive
I+
VI = V+ or GND
2.7 V
μA
supply current
Full
1.3
Positive
I+
VI = V+ – 5.5 V
Full
2.7 V
3.3
μA
supply current
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TS5A22362 TS5A22364


Số phần tương tự - TS5A22364

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22364 TI-TS5A22364 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI1-TS5A22364 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364-Q1 TI1-TS5A22364-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
More results

Mô tả tương tự - TS5A22364

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com