công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ-180 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện MJ-180
Giải thích chi tiết về linh kiện  DC Socket 2.35mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MJ-180 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  MJ-180 Datasheet HTML 1Page - List of Unclassifed Manufacturers MJ-180 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC Socket
2.35mm
Page <2>
18/08/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2009.
Specification Table
Item
Part Name
Material
Finish
1
Body
POM
Ni
2
Pin
BSBM
-
3
Contact Spring
FAB-EH
Ag
4
Terminal A
BSR
5
Terminal B
6
Insulator
PF
-
Part Number Table
Description
Part Number
Socket, Low Voltage, 2.35mm
MJ-180


Số phần tương tự - MJ-180

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Jersey Semi-Conduct...
MJ-18002 NJSEMI-MJ-18002 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
MJ-18008A NJSEMI-MJ-18008A Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
MJ-18012 NJSEMI-MJ-18012 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
More results

Mô tả tương tự - MJ-180

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
DLW5ATH501TQ2 MURATA1-DLW5ATH501TQ2 Datasheet
413Kb / 3P
   Low profile (h=2.35mm)
Last updated07/26/2022
DLW5ATH112MQ2 MURATA1-DLW5ATH112MQ2 Datasheet
417Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN272SQ2 MURATA1-DLW5ATN272SQ2_V01 Datasheet
383Kb / 4P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN500MQ2 MURATA1-DLW5ATN500MQ2_V01 Datasheet
419Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH151MQ2 MURATA1-DLW5ATH151MQ2 Datasheet
415Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN401SQ2 MURATA1-DLW5ATN401SQ2_V01 Datasheet
339Kb / 4P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ500MQ2 MURATA1-DLW5ATZ500MQ2_V01 Datasheet
365Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATZ501MQ2 MURATA1-DLW5ATZ501MQ2_V01 Datasheet
367Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATH500MQ2 MURATA1-DLW5ATH500MQ2 Datasheet
415Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
DLW5ATN331MQ2 MURATA1-DLW5ATN331MQ2_V01 Datasheet
420Kb / 3P
   Low profile(h=2.35mm max.)
Last updated07/26/2022
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com