công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS12A4516D bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS12A4516D
Giải thích chi tiết về linh kiện  DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A4516D bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TS12A4516D Datasheet HTML 1Page - Texas Instruments TS12A4516D Datasheet HTML 2Page - Texas Instruments TS12A4516D Datasheet HTML 3Page - Texas Instruments TS12A4516D Datasheet HTML 4Page - Texas Instruments TS12A4516D Datasheet HTML 5Page - Texas Instruments TS12A4516D Datasheet HTML 6Page - Texas Instruments TS12A4516D Datasheet HTML 7Page - Texas Instruments TS12A4516D Datasheet HTML 8Page - Texas Instruments TS12A4516D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics for ±3.3-V Supply
(1)
TS12A4516
,, TS12A4517
SCDS236B – DECEMBER 2006 – REVISED APRIL 2009 ................................................................................................................................................. www.ti.com
V+ = 3.0 V to 3.6 V, V= –3.0 V to –3.6, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
MIN
TYP(2)
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO, VNC
V
V+
V
V+ = 3.0 V, V= –3.0 V,
25°C
17
25
ON-state resistance
ron
VCOM = 3 V,
Full
35
ICOM = 20 mA
25°C
1.5
3
ON-state resistance
VCOM = –2 V, 0 V, 2 V,
ron(flat)
flatness
ICOM = 20 mA
Full
4
V+ = 3.6 V, V= –3.6 V,
25°C
5
NO, NC
INO(OFF),
VCOM = 3 V,
nA
OFF leakage current(3)
INC(OFF)
Full
10
VNO or VNC = –3 V
V+ = 3.6 V, V= –3.6 V,
25°C
5
COM
ICOM(OFF)
VCOM = –3 V,
nA
OFF leakage current(3)
Full
10
VNO or VNC = 3 V
V+ = 3.6 V, V= –3.6 V,
25°C
5
COM
ICOM(ON)
VCOM = 3.6 V,
nA
ON leakage current(3)
Full
10
VNO or VNC = open
Digital Control Input (IN)
Input logic high
VIH
Full
V+ – 1.5
V
Input logic low
VIL
Full
V
V+ – 3.5
V
Input leakage current
IIH, IIL
VIN = V+, 0 V
Full
0.01
µA
Dynamic
25°C
65
85
Turn-on time
tON
see Figure 2
ns
Full
95
25°C
37
60
Turn-off time
tOFF
see Figure 2
ns
Full
70
CL = 1 nF, VNO = 0 V,
Charge injection(4)
QC
25°C
–7.5
pC
RS = 0 Ω, See Figure 1
NO, NC
CNO(OFF)
f = 1 MHz, See Figure 4
25°C
5.5
pF
OFF capacitance
CNC(OFF)
COM
CCOM(OFF)
f = 1 MHz, See Figure 4
25°C
5.5
pF
OFF capacitance
COM
CCOM(ON)
f = 1 MHz, See Figure 4
25°C
16
pF
ON capacitance
Digital input capacitance
CI
VIN = V+, 0 V
25°C
1.5
pF
RL = 50 Ω, CL = 15 pF,
Bandwidth
BW
25°C
464
MHz
VNO = 1 VRMS, f = 100 kHz
RL = 50 Ω, CL = 15 pF,
OFF isolation
OISO
25°C
–83
dB
VNO = 1 VRMS, f = 100 kHz
RL = 600 Ω, CL = 15 pF,
Total harmonic distortion
THD
25°C
0.10
%
VNO = 1 VRMS, f = 20 kHz
Supply
25°C
40
V+ supply current
I+
VIN = 0 V or V+
µA
Full
45
25°C
–40
Vsupply current
I
VIN = 0 V or V+
µA
Full
45
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
Typical values are at TA = 25°C.
(3)
Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25°C.
(4)
Specified by design, not production tested
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TS12A4516 TS12A4517


Số phần tương tự - TS12A4516D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A4516D TI-TS12A4516D Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516D TI-TS12A4516D Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516D TI-TS12A4516D Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DBVR TI-TS12A4516DBVR Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DBVR TI-TS12A4516DBVR Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results

Mô tả tương tự - TS12A4516D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
   Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com