công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC124S051 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADC124S051
Giải thích chi tiết về linh kiện  ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S051 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC124S051_14 Datasheet HTML 1Page - Texas Instruments ADC124S051_14 Datasheet HTML 2Page - Texas Instruments ADC124S051_14 Datasheet HTML 3Page - Texas Instruments ADC124S051_14 Datasheet HTML 4Page - Texas Instruments ADC124S051_14 Datasheet HTML 5Page - Texas Instruments ADC124S051_14 Datasheet HTML 6Page - Texas Instruments ADC124S051_14 Datasheet HTML 7Page - Texas Instruments ADC124S051_14 Datasheet HTML 8Page - Texas Instruments ADC124S051_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
CS
SCLK
DOUT
DIN
IN1
GND
IN4
IN3
IN2
VA
ADC124S051
ADC124S051
www.ti.com
SNAS260E – NOVEMBER 2004 – REVISED NOVEMBER 2004
ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
Check for Samples: ADC124S051
1
FEATURES
DESCRIPTION
The ADC124S051 is a low-power, four-channel
2
Specified Over a Range of Sample Rates
CMOS 12-bit analog-to-digital converter with a high-
Four Input Channels
speed
serial
interface.
Unlike
the
conventional
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC124S051 is fully specified over a
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 200 ksps to 500 ksps. The
converter is based on a successive-approximation
KEY SPECIFICATIONS
register architecture with an internal track-and-hold
DNL: +0.7 /
−0.4 LSB (typ)
circuit. It can be configured to accept up to four input
signals at inputs IN1 through IN4.
INL: ± 0.5 LSB (typ)
SNR: 72.5 dB (typ)
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
Power Consumption:
QSPI™, MICROWIRE and many common DSP serial
3V Supply: 3.0 mW (typ)
interfaces.
5V Supply: 10.0 mW (typ)
The ADC124S051 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
APPLICATIONS
consumption using a +3V or +5V supply is 3.0 mW
Portable Systems
and 10.0 mW, respectively. The power-down feature
reduces the power consumption to just 0.14 µW using
Remote Data Acquisition
a +3V supply, or 0.32 µW using a +5V supply.
Instrumentation and Control Systems
The ADC124S051 is packaged in a 10-lead VSSOP
package. Operation over the industrial temperature
range of
−40°C to +85°C is ensured.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for a Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC124S021
ADC124S051
ADC122S101
10-bit
ADC104S021
ADC104S051
ADC102S101
8-bit
ADC084S021
ADC084S051
ADC082S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
10 Pin VSSOP Package
See Package Number DGS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADC124S051_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit A/D Converter
More results

Mô tả tương tự - ADC124S051_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC084S051CIMMX TI-ADC084S051CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC084S051 TI1-ADC084S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC122S051 TI1-ADC122S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com