công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1148IPW bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1148IPW
Giải thích chi tiết về linh kiện  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1148IPW bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS1148IPW Datasheet HTML 4Page - Texas Instruments ADS1148IPW Datasheet HTML 5Page - Texas Instruments ADS1148IPW Datasheet HTML 6Page - Texas Instruments ADS1148IPW Datasheet HTML 7Page - Texas Instruments ADS1148IPW Datasheet HTML 8Page - Texas Instruments ADS1148IPW Datasheet HTML 9Page - Texas Instruments ADS1148IPW Datasheet HTML 10Page - Texas Instruments ADS1148IPW Datasheet HTML 11Page - Texas Instruments ADS1148IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
DVDD
DGND
CLK
RESET
REFP
REFN
AINP
AINN
SCLK
DIN
DOUT/DRDY
DRDY
CS
START
AVDD
AVSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS1146
ADS1146
ADS1147
ADS1148
SBAS453F – JULY 2009 – REVISED APRIL 2012
www.ti.com
PW PACKAGE
TSSOP-16
(TOP VIEW)
ADS1146 (TSSOP-16) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
REFP
5
Analog input
Positive external reference input
REFN
6
Analog input
Negative external reference input
AINP
7
Analog input
Positive analog input
AINN
8
Analog input
Negative analog input
AVSS
9
Analog
Negative analog power supply
AVDD
10
Analog
Positive analog power supply
START
11
Digital input
Conversion start. See text for description of use.
CS
12
Digital input
Chip select (active low)
DRDY
13
Digital output
Data ready (active low)
Serial data out output, or
DOUT/DRDY
14
Digital output
data out combined with data ready (active low when DRDY function enabled)
DIN
15
Digital input
Serial data input
SCLK
16
Digital input
Serial clock input
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1146 ADS1147 ADS1148


Số phần tương tự - ADS1148IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1148IPW TI-ADS1148IPW Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148IPW TI1-ADS1148IPW Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148IPW TI1-ADS1148IPW Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1148IPWR TI-ADS1148IPWR Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148IPWR TI1-ADS1148IPWR Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Mô tả tương tự - ADS1148IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com