công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1120IRVAR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1120IRVAR
Giải thích chi tiết về linh kiện  Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120IRVAR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS1120IRVAR Datasheet HTML 1Page - Texas Instruments ADS1120IRVAR Datasheet HTML 2Page - Texas Instruments ADS1120IRVAR Datasheet HTML 3Page - Texas Instruments ADS1120IRVAR Datasheet HTML 4Page - Texas Instruments ADS1120IRVAR Datasheet HTML 5Page - Texas Instruments ADS1120IRVAR Datasheet HTML 6Page - Texas Instruments ADS1120IRVAR Datasheet HTML 7Page - Texas Instruments ADS1120IRVAR Datasheet HTML 8Page - Texas Instruments ADS1120IRVAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
ADS1120
SBAS535A – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to +125°C. Typical specifications are at TA = +25°C.
All specifications are at AVDD = 3.3 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, DR = 20 SPS, and external VREF = 2.5 V,
unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXCITATION CURRENT SOURCES (IDACs)
Current settings
50, 100, 250, 500, 1000, 1500
µA
Compliance voltage
All current settings
AVDD – 0.9
V
Accuracy
All current settings, each IDAC
–6%
±1%
6%
Current match
Between IDACs
±0.3%
Temperature drift
Each IDAC
50
ppm/°C
Temperature drift matching
Between IDACs
10
ppm/°C
CLOCK SOURCES
Internal oscillator accuracy
Normal mode
–2%
±1%
2%
Frequency range
0.5
4.096
4.5
MHz
External clock
Duty cycle
40%
60%
TEMPERATURE SENSOR
Conversion resolution
14
Bits
Temperature sensor resolution
Temperature resolution
0.03125
°C
TA = 0°C to +75°C
±0.25
°C
Temperature sensor accuracy
TA = –40°C to +125°C
±0.5
°C
vs analog supply voltage
0.0625
0.25
°C/V
LOW-SIDE POWER SWITCH
RON
On resistance
3.5
Ω
Current through switch
30
mA
DIGITAL INPUT/OUTPUT
VIH
High-level input voltage
0.7 DVDD
DVDD
V
VIL
Low-level input voltage
DGND
0.3 DVDD
V
VOH
High-level output voltage
IOH = 3 mA
0.8 DVDD
V
VOL
Low-level output voltage
IOL = 3 mA
0.2 DVDD
V
IH
Input leakage, high
VIH = 5.5 V
–10
10
µA
IL
Input leakage, low
VIL = DGND
–10
10
µA
4
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links :ADS1120


Số phần tương tự - ADS1120IRVAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120IRVAR TI1-ADS1120IRVAR Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IRVAR TI1-ADS1120IRVAR Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
More results

Mô tả tương tự - ADS1120IRVAR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com