công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1204IRHBT bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1204IRHBT
Giải thích chi tiết về linh kiện  Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1204IRHBT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1204IRHBT Datasheet HTML 1Page - Texas Instruments ADS1204IRHBT Datasheet HTML 2Page - Texas Instruments ADS1204IRHBT Datasheet HTML 3Page - Texas Instruments ADS1204IRHBT Datasheet HTML 4Page - Texas Instruments ADS1204IRHBT Datasheet HTML 5Page - Texas Instruments ADS1204IRHBT Datasheet HTML 6Page - Texas Instruments ADS1204IRHBT Datasheet HTML 7Page - Texas Instruments ADS1204IRHBT Datasheet HTML 8Page - Texas Instruments ADS1204IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DISSIPATION RATINGS
ELECTRICAL CHARACTERISTICS
ADS1204
www.ti.com........................................................................................................................................... SBAS301C – OCTOBER 2003 – REVISED FEBRUARY 2009
DERATING FACTOR
TA ≤ +25°C
ABOVE TA =
TA = +70°C
TA = +85°C
TA = +105°C
PACKAGE
POWER RATING
+25°C(1)
POWER RATING
POWER RATING
POWER RATING
QFN-32 (5×5)
3406mW
27.25mW/°C
2180mW
1771mW
1226mW
(1)
This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA). Thermal resistances are not production tested and are
for informational purposes only.
Over recommended operating free-air temperature range at –40°C to +105°C, AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V,
CH x– = 2.5V, REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc
3 filter with decimation by 256, unless
otherwise noted.
ADS1204
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY
±1
±3
LSB
INL
Integral linearity error(2)
±0.001
±0.005
% FSR
±6
LSB
Integral linearity match
±0.009
% FSR
DNL
Differential nonlinearity(3)
±1
LSB
VOS
Input offset error
–1.4
±3
mV
Input offset error match
±2
mV
TCVOS
Input offset error drift
±2
±8
µV/°C
GERR
Gain error(4)
Referenced to VREF
±0.08
±0.5
% FSR
Gain error match
±0.185
±0.5
% FSR
TCGERR
Gain error drift
±2
ppm/°C
PSRR
Power-supply rejection ratio
4.75V < AVDD < 5.25V
78
dB
ANALOG INPUT
FSR
Full-scale differential range
(CH x+) – (CH x–); CH x– = 2.5V
±2.5
V
Specified differential range
(CH x+) – (CH x–); CH x– = 2.5V
±2
V
Maximum operating input range(3)
0
AVDD
V
Input capacitance
Common-mode
1.5
pF
Input leakage current
CLK turned off
±1
nA
Differential input resistance
100
k
Differential input capacitance
2.5
pF
At DC
100
dB
CMRR
Common-mode rejection ratio
VIN = ±1.25VPP at 40kHz
110
dB
BW
Bandwidth
FS sine wave, –3dB
50
MHz
SAMPLING DYNAMICS
Internal clock frequency
CLKSEL = 1
8
10
12
MHz
CLKIN
External clock frequency
CLKSEL = 0
1
20
24
MHz
(1)
All typical values are at TA = +25°C.
(2)
Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer
curve for CH x+ = –2V to +2V at 2.5V, expressed either as the number of LSBs or as a percent of measured input range (4V).
(3)
Specified by design.
(4)
Maximum values, including temperature drift, are specified over the full specified temperature range.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1204


Số phần tương tự - ADS1204IRHBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1204IRHBT TI-ADS1204IRHBT Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1204IRHBT TI1-ADS1204IRHBT Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBTG4 TI1-ADS1204IRHBTG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Mô tả tương tự - ADS1204IRHBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com