công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1216Y2KG4 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS1216Y2KG4
Giải thích chi tiết về linh kiện  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1216Y2KG4 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS1216Y2KG4 Datasheet HTML 2Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 3Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 4Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 5Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 6Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 7Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 8Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 9Page - Texas Instruments ADS1216Y2KG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.ti.com
ADS1216
SBAS171D – NOVEMBER 2000 – REVISED SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS: AV
DD = +3V (continued)
All specifications at T
MIN to TMAX, AVDD = +3V, DVDD = +2.7V to +5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 75kΩ,
f
DATA = 10Hz, and VREF = +1.25V, unless otherwise specified.
ADS1216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ON-CHIP VOLTAGE REFERENCE
Output voltage
REF HI = 0
1.2
1.25
1.3
V
Short-circuit current source
3
mA
Short-circuit current sink
50
µA
Short-circuit duration
Sink or source
Indefinite
Drift
15
ppm/
°C
Noise
VRCAP = 0.1µF, BW = 0.1Hz to 100Hz
10
µV
PP
Output impedance
Sourcing 100
µA
3
Startup time
50
µs
IDAC
Full-scale output current
RDAC = 75kΩ, range = 1
0.5
mA
RDAC = 75kΩ, range = 2
1
mA
RDAC = 75kΩ, range = 3
2
mA
RDAC = 15kΩ, range = 3
20
mA
Maximum short-circuit current duration
RDAC = 10kΩ
Indefinite
RDAC = 0kΩ
10
Minute
Monotonicity
RDAC = 75kΩ
8
Bits
Compliance voltage
0
AVDD – 1
V
Output impedance
See Typical Characteristics
Power-supply rejection ratio
VOUT = AVDD/2
600
ppm/V
Absolute error
Individual IDAC
5
%
Absolute drift
Individual IDAC
75
ppm/
°C
Mismatch error
Between IDACs, same range and code
0.25
%
Mismatch drift
Between IDACs, same range and code
15
ppm/
°C
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
AVDD
2.7
3.3
V
Analog current (IADC + IVREF + IDAC)
PDWN = 0 or SLEEP
1
nA
ADC current (IADC)
PGA = 1, buffer OFF
120
200
µA
PGA = 128, buffer OFF
370
600
µA
PGA = 1, buffer ON
170
250
µA
PGA = 128, buffer ON
750
1200
µA
VREF current (IVREF)
250
375
µA
IDAC current (IDAC)
Excludes load current
480
675
µA
Digital current
Normal mode, DVDD = 3V
90
200
µA
SLEEP mode, DVDD = 3V
75
µA
Read data continuous mode, DVDD = 3V
113
µA
PDWN = 0
1
nA
PGA = 1, buffer OFF, REFEN = 0,
Power dissipation
0.6
1.2
mW
IDACS OFF, DVDD = 3V
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
6
Submit Documentation Feedback


Số phần tương tự - ADS1216Y2KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1216Y TI-ADS1216Y Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI-ADS1216Y/250 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI1-ADS1216Y/250 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250G4 TI1-ADS1216Y/250G4 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/2K TI-ADS1216Y/2K Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1216Y2KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com