công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1205IRGER bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1205IRGER
Giải thích chi tiết về linh kiện  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1205IRGER bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS1205IRGER Datasheet HTML 2Page - Texas Instruments ADS1205IRGER Datasheet HTML 3Page - Texas Instruments ADS1205IRGER Datasheet HTML 4Page - Texas Instruments ADS1205IRGER Datasheet HTML 5Page - Texas Instruments ADS1205IRGER Datasheet HTML 6Page - Texas Instruments ADS1205IRGER Datasheet HTML 7Page - Texas Instruments ADS1205IRGER Datasheet HTML 8Page - Texas Instruments ADS1205IRGER Datasheet HTML 9Page - Texas Instruments ADS1205IRGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADS1205
SBAS312B − JANUARY 2005 − REVISED AUGUST 2007
www.ti.com
6
PIN ASSIGNMENT
RGE PACKAGE
QFN−24
(TOP VIEW)
REFIN B
AGND
AV
DD
AV
DD
AGND
CLKSEL
REFIN A
AGND
AV
DD
AV
DD
REFOUT
AGND
1
2
3
4
5
6
18
17
16
15
14
13
ADS1205
(1)
(1) The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left floating. Keep the thermal pad
separate from the digital ground, if possible.
(2) NC = No Connection.
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
REFIN B
1
I
Reference voltage input of channel B: pin for external reference voltage
AGND
2, 5, 13, 17
Analog ground
AVDD
3, 4, 15, 16
Analog power supply; nominal 5V
CLKSEL
6
I
Clock select between internal clock (CLKSEL = 1) or external clock (CLKSEL = 0)
CLKIN
7
I
External clock input
BVDD
8
Digital interface power supply; from 2.7V to 5.5V
BGND
9
Interface ground
CLKOUT
10
O
System clock output
OUT B
11
O
Bit stream from channel B modulator
OUT A
12
O
Bit stream from channel A modulator
REFOUT
14
O
Reference voltage output: output pin of the internal reference source; nominal 2.5V
REFIN A
18
I
Reference voltage input of channel A: pin for external reference voltage
NC
19, 24
No connection; this pin is left unconnected
CH A+
20
I
Analog input of channel A: noninverting input
CH A−
21
I
Analog input of channel A: inverting input
CH B−
22
I
Analog input of channel B: inverting input
CH B+
23
I
Analog input of channel B: noninverting input


Số phần tương tự - ADS1205IRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1205IRGER TI-ADS1205IRGER Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205IRGER TI1-ADS1205IRGER Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1205IRGERG4 TI-ADS1205IRGERG4 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205IRGERG4 TI1-ADS1205IRGERG4 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
More results

Mô tả tương tự - ADS1205IRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com